Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTTCW24.0MX Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZTTCW24.0MX
Description  ceramic resonator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZTTCW24.0MX Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZTTCW24.0MX Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW24.0MX Datasheet HTML 9Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
2
4. STRUCTURE
NO:
Components
Materials
1
Ceramic Substrate
Insulation Substrate
2
Ceramic Substrate
Piezoelectric Ceramics (PZT)
3
Ceramic Substrate
Insulation Substrate
4
Adhesive
Epoxy Resin
5
UV Ink for Marking
6
Outer Electrodes
Top and Bottom Electrodes
Ag+Ni(under plating)+Sn(over plating)
Side Electrodes
Ni+Cu+Ag(under
plating)+Sn(over
plating)
7
Electrode
Cu+Ag


Similar Part No. - ZTTCW24.0MX

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTTCW AURIS-ZTTCW Datasheet
188Kb / 1P
   Resonator SMD, 3 Pin
logo
AEL Crystals Ltd
ZTTCW AEL-ZTTCW Datasheet
28Kb / 1P
   Ceramic Resonator
logo
PETERMANN-TECHNIK
ZTTCW-MX PETERMANN-ZTTCW-MX Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
logo
Token Electronics Indus...
ZTTCWMX TOKEN-ZTTCWMX Datasheet
427Kb / 4P
   Redial Taping Dimensions
logo
AiT Semiconductor Inc.
ZTTCWMX AITSEMI-ZTTCWMX Datasheet
187Kb / 1P
   CERAMIC RESONATOR ZTT/ZTTCx
More results

Similar Description - ZTTCW24.0MX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com