Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

009276006021006 Datasheet(PDF) 3 Page - AVX Corporation

Part # 009276006021006
Description  Discrete Wire-to-Board; Poke-Home
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009276006021006 Datasheet(HTML) 3 Page - AVX Corporation

  009276006021006 Datasheet HTML 1Page - AVX Corporation 009276006021006 Datasheet HTML 2Page - AVX Corporation 009276006021006 Datasheet HTML 3Page - AVX Corporation 009276006021006 Datasheet HTML 4Page - AVX Corporation 009276006021006 Datasheet HTML 5Page - AVX Corporation 009276006021006 Datasheet HTML 6Page - AVX Corporation 009276006021006 Datasheet HTML 7Page - AVX Corporation 009276006021006 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2 WAY WIRE TO BOARD CONNECTOR
2 WAY PCB BOARD LAYOUT
PACKING DETAILS
SECTION ON A-A
SECTION ON A-A
WITH WIRE
NOTES:
1. 9276 TWO WAY CONNECTOR, REFER TO ELCO SPECIFICATION 201-01-125
AND APPLICATION NOTES 201-01-127 FOR FURTHER DETAILS
2. INSULATOR MATERIAL: NYLON 46, GLASS FILLED, UL94 V-0,
COLOR REFER TO PAGE 1
3. CONTACT MATERIAL: COPPER ALLOY, 0.20MM THICK, TIN PLATED.
4. OUTLINE OF CONNECTOR.
5. WIRE ASSEMBLY / EXTRACTION, REFER TO PAGE 8.
6. FRONT FACE OF CONNECTOR CAN BE IN LINE WITH EDGE OF PCB.
7. PACKING TAPE AND REEL, QUANTITY 1000 PER REEL.
3
Discrete Wire-to-Board; Poke-Home
Series 9276


Similar Part No. - 009276006021006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276006021006 AVX-009276006021006 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
More results

Similar Description - 009276006021006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276001021006 AVX-009276001021006 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
   POKE-HOME: INVERTED THRU BOARD
090721
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
   POKE HOME
00-9296 AVX-00-9296 Datasheet
1Mb / 8P
   Poke-Home: Low Profile Horizontal
709296001103006 AVX-709296001103006 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact
709296001102006 AVX-709296001102006 Datasheet
1Mb / 6P
   Poke-Home: Micro Single Vertical Contact
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
   25W3P POKE HOME D-SUB HOUSING
logo
AVX Corporation
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact 18-24 AWG:WTB
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com