Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX994 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX994
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX994 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX994 Datasheet HTML 2Page - Maxim Integrated Products MAX994 Datasheet HTML 3Page - Maxim Integrated Products MAX994 Datasheet HTML 4Page - Maxim Integrated Products MAX994 Datasheet HTML 5Page - Maxim Integrated Products MAX994 Datasheet HTML 6Page - Maxim Integrated Products MAX994 Datasheet HTML 7Page - Maxim Integrated Products MAX994 Datasheet HTML 8Page - Maxim Integrated Products MAX994 Datasheet HTML 9Page - Maxim Integrated Products MAX994 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
6
Pin/Bump Description
*
MAX985 only
BUMP
PIN
MAX985
MAX985/
MAX986
MAX989/
MAX990
MAX993/
MAX994
UCSP*
SO
SOT23/
SC70
SO/µMAX/
SOT23
SO/
TSSOP
NAME
FUNCTION
A2
6
1
OUT
Comparator Output
A3
7
2
8
4
VCC
Positive Supply Voltage
B1
3
3
IN+
Comparator Noninverting Input
B2
2
4
IN-
Comparator Inverting Input
A1
4
5
4
11
VEE
Negative Supply Voltage
1
1
OUTA
Comparator A Output
2
2
INA-
Comparator A Inverting Input
3
3
INA+
Comparator A Noninverting Input
5
5
INB+
Comparator B Noninverting Input
6
6
INB-
Comparator B Inverting Input
7
7
OUTB
Comparator B Output
8
OUTC
Comparator C Output
9
INC-
Comparator C Inverting Input
10
INC+
Comparator C Noninverting Input
12
IND+
Comparator D Noninverting Input
13
IND-
Comparator D Inverting Input
14
OUTD
Comparator D Output
B3
1, 5, 8
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX994

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX994 MAXIM-MAX994 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX9940 MAXIM-MAX9940 Datasheet
239Kb / 9P
   Signal-Line Overvoltage Protector for Low-Voltage Devices
Rev 0; 2/09
MAX9940 MAXIM-MAX9940 Datasheet
199Kb / 5P
   Proven PCB Layout
Rev 0; 3/09
MAX9940AXK++ MAXIM-MAX9940AXK+ Datasheet
239Kb / 9P
   Signal-Line Overvoltage Protector for Low-Voltage Devices
Rev 0; 2/09
MAX9940EVKIT MAXIM-MAX9940EVKIT Datasheet
199Kb / 5P
   Proven PCB Layout
Rev 0; 3/09
More results

Similar Description - MAX994

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com