Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5711W Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N5711W
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5711W Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5711W Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5711W Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5711W
Surface Mount Schottky Barrier Diode
Voltage Range
70 Volts
250m Watts Power Dissipation
Features
Low forward voltage drop
Guard Ring Construction for Transient
Protection
Fast switching time
Low Reverse Capacitance
Surface mount package ideally suited for
automatic insertion
Mechanical Data
Case: SOD-123, Plastic
Polarity: Cathode Band
Marking: Date Code and Type Code
Type Code: SA
Weight: 0.01 grams (approx.
)
SOD-123
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
1N5711W
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Maximum Forward Current
IFM
15
mA
Power Dissipation (Note 1)
Pd
250
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
R
θJA
600
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
OC
Electrical Characteristics
Type Number
Symbol
Min
Typ
Max
Units
Reverse Breakdown Voltage
IR=10uA
V(BR)
70
-
-
V
Reverse Leakage Current
VR=50V
IR
-
-
200
nA
Forward Voltage Drop
IF=1.0mA
IF=15mA
VF
70
-
-
-
0.41
1.0
V
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
-
2.0
pF
Reverse Recovery Time (Note 2)
trr
-
-
1.0
nS
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Reverse Recovery Test Conditions: IF=IR=10mA, Irr=0.1 x IR, RL=100
Ω.
0.053(1.35)
Max.
0.006(0.15)
Typ. Min.
0.010(0.25)
Min.
0.004(0.10)
Max.
0.067(1.70)
0.055(1.40)
0.022(0.55)
Typ. Min.
0.152(3.85)
0.140(3.55)
0.112(2.85)
0.100(2.55)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N5711W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711W DIODES-1N5711W Datasheet
71Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11015 Rev. 4 - 2
1N5711W DIODES-1N5711W Datasheet
247Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11015 Rev. 12 - 2
logo
Taiwan Semiconductor Co...
1N5711W TSC-1N5711W Datasheet
46Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
1N5711W BILIN-1N5711W Datasheet
166Kb / 2P
   Surface mount schottky barrier diode
logo
SHENZHEN YONGERJIA INDU...
1N5711W WINNERJOIN-1N5711W Datasheet
95Kb / 2P
   Low Forward Voltage Drop
More results

Similar Description - 1N5711W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com