Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

009178001001006 Datasheet(PDF) 2 Page - AVX Corporation

Part # 009178001001006
Description  SSL - Discrete Wire IDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009178001001006 Datasheet(HTML) 2 Page - AVX Corporation

  009178001001006 Datasheet HTML 1Page - AVX Corporation 009178001001006 Datasheet HTML 2Page - AVX Corporation 009178001001006 Datasheet HTML 3Page - AVX Corporation 009178001001006 Datasheet HTML 4Page - AVX Corporation 009178001001006 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
62
SSL - Discrete Wire IDC
Series 9177
14-20 AWG 1 WAY IDC CONNECTOR
NOTES:
1. CONNECTOR FOR IDC WIRE TO BOARD CONNECTION.
2. CONTACT MATERIAL: PHOSPHORE BRONZE.
INSULATION MATERIAL: HIGH TEMPERATURE NYLON 46.
COLOR REFER TO PAGE 61.
3. CONNECTOR DESIGNED TO ACCEPT BETWEEN 14 AND 20 GAUGE
STRANDED WIRE.
4. ALL DIMENSIONS FOR REFERENCE UNLESS OTHERWISE STATED.
5. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO SPEC 201-01-109.
6. FOR PCB SPACE RESTRICTED BY ASSEMBLY TOOLING REFER TO PAGE 65.
PACKING DETAILS
REEL QTY
400
LEADER
500MM
TRAILER
400MM
REEL/BOX
4
PACK QTY
1600
SMT PCB LAYOUT
PURE TIN PADS
Code
Accepted
A
Wire
B
Wire Gauge
Insulation
001 14 Gauge Stranded 1.10 Ø 4.25 max 4.25
012 16 Gauge Stranded 0.82 Ø 3.50 max 3.50
022 18 Gauge Stranded 0.72 Ø 3.50 max 3.50
033 20 Gauge Stranded 0.60 Ø 2.75 max 2.75


Similar Part No. - 009178001001006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009178001001006 AVX-009178001001006 Datasheet
218Kb / 4P
   IDC SMT Coax Connector
More results

Similar Description - 009178001001006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
logo
Tyco Electronics
2106003-1 MACOM-2106003-1 Datasheet
969Kb / 6P
   IDC SSL Connector
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com