Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX990EKA+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX990EKA+T
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX990EKA+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX990EKA+T Datasheet HTML 4Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 5Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 6Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 7Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 8Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 9Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 10Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 11Page - Maxim Integrated Products MAX990EKA+T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
8
5) Calculate R2 as follows. For this example, choose an
8.2k
Ω standard value:
6) Verify trip voltages and hysteresis as follows:
MAX986/MAX990/MAX994
The MAX986/MAX990/MAX994 have ±3mV internal
hysteresis. They have open-drain outputs and require
an external pullup resistor (Figure 2). Additional hys-
teresis can be generated using positive feedback, but
the formulas differ slightly from those of the
MAX985/MAX989/MAX993.
Use the following procedure to calculate resistor
values:
1) Select R3 according to the formulas R3 = VREF /
500µA or R3 = (VREF - VCC) / 500µA - R4. Use the
smaller of the two resulting resistor values.
2) Choose the hysteresis band required (VHB). For this
example, choose 50mV.
3) Calculate R1 according to the following equation:
R1 = (R3 + R4) x (VHB / VCC)
4) Choose the trip point for VIN rising (VTHR; VTHF is
the trip point for VIN falling). This is the threshold
voltage at which the comparator switches its output
from low to high as VIN rises above the trip point.
5) Calculate R2 as follows:
6) Verify trip voltages and hysteresis as follows:
Board Layout and Bypassing
Power-supply bypass capacitors are not typically need-
ed, but use 100nF bypass capacitors when supply
impedance is high, when supply leads are long,
or when excessive noise is expected on the supply
lines. Minimize signal trace lengths to reduce stray
capacitance.
V
rising: V
= V
x R1 x
1
R1
V
falling
IN
THR
REF
IN
:
++
+
⎝⎜
⎠⎟
=−
+
⎝⎜
⎠⎟
=−
1
2
1
34
1
34
RR
R
VV
Rx V
RR
Hysteresis
V
V
THF
THR
CC
THR
THF
R2 =
1
V
V
THR
REF xR
R
R
R
1
1
1
1
34
⎝⎜
⎠⎟
−−
+
V
rising: V
= V
x R1 x
1
R1
V
falling
IN
THR
REF
IN
:
++
⎝⎜
⎠⎟
=−
⎝⎜
⎠⎟
=−
1
2
1
3
1
3
RR
VV
Rx V
R
Hysteresis
V
V
THF
THR
CC
THR
THF
R2 =
1
V
V
R2 =
1
3.0V
1.2 x 12k
THR
REF
.
.
xR
R
R
kM
k
1
1
1
1
3
1
12
1
22
803
⎝⎜
⎠⎟
−−
⎝⎜
⎠⎟
−−
=
ΩΩ
VEE
VCC
OUT
R3
R2
R1
R4
VREF
VIN
VCC
MAX986
MAX990
MAX994
Figure 2. Additional Hysteresis (MAX986/MAX990/MAX994)


Similar Part No. - MAX990EKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX990EKA-T MAXIM-MAX990EKA-T Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX990EKA-T MAXIM-MAX990EKA-T Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
More results

Similar Description - MAX990EKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com