Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2121 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2121
Description  Complete Direct-Conversion L-Band Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2121 Datasheet HTML 7Page - Maxim Integrated Products MAX2121 Datasheet HTML 8Page - Maxim Integrated Products MAX2121 Datasheet HTML 9Page - Maxim Integrated Products MAX2121 Datasheet HTML 10Page - Maxim Integrated Products MAX2121 Datasheet HTML 11Page - Maxim Integrated Products MAX2121 Datasheet HTML 12Page - Maxim Integrated Products MAX2121 Datasheet HTML 13Page - Maxim Integrated Products MAX2121 Datasheet HTML 14Page - Maxim Integrated Products MAX2121 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Complete Direct-Conversion L-Band Tuner
11
Table 2. N-Divider MSB Register (Address: 0x00)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
FRAC
7
1
Users must program to 1 upon powering up the device.
N[14:8]
6–0
0000000
Sets the most significant bits of the PLL integer-divide number (N). N can
range from 19 to 251.
Table 3. N-Divider LSB Register (Address: 0x01)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
N[7:0]
7–0
00100011
Sets the least significant bits of the PLL integer-divide number. N can range
from 19 to 251.
Table 4. Charge-Pump Register (Address: 0x02)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
CPMP[1:0]
7–6
00
Charge-pump minimum pulse width. Users must program to 00 upon
powering up the device.
CPLIN[1:0]
5–4
00
Controls charge-pump linearity. Users must program to 01 upon powering
up the device.
F[19:16]
3–0
0010
Sets the 4 most significant bits of the PLL fractional divide number.
Default value is F = 194,180 decimal.
Table 5. F-Divider MSB Register (Address: 0x03)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
F[15:8]
7–0
11110110
Sets the most significant bits of the PLL fractional-divide number (F).
Default value is F = 194,180 decimal.
Table 6. F-Divider LSB Register (Address: 0x04)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
F[7:0]
7–0
10000100
Sets the least significant bits of the PLL fractional-divide number (F).
Default value is F = 194,180 decimal.
Table 7. XTAL Buffer and Reference Divider Register (Address: 0x05)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
XD[2:0]
7–5
000
Sets the crystal-divider setting.
000 = Divide by 1.
001 = Divide by 2.
011 = Divide by 3.
100 = Divide by 4.
101 through 110 = All divide values from 5 (101) to 7 (110).
111 = Divide by 8.
R[4:0]
4–0
00001
Sets the PLL reference-divider (R) number. Users must program to 00001
upon powering up the device.
00001 = Divide by 1; other values are not tested.


Similar Part No. - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
MAX2121 MAXIM-MAX2121 Datasheet
877Kb / 8P
   All Critical Peripheral Components Included
Rev 1; 5/15
MAX2121B MAXIM-MAX2121B Datasheet
738Kb / 20P
   L-Band Tuner with Programmable Baseband Filter
Rev 1; 9/16
MAX2121BEVKIT MAXIM-MAX2121BEVKIT Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
MAX2121BEVKIT# MAXIM-MAX2121BEVKIT# Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
More results

Similar Description - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com