Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2870 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2870
Description  23.5MHz to 6000MHz Fractional Integer-N Synthesizer/VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2870 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2870 Datasheet HTML 1Page - Maxim Integrated Products MAX2870 Datasheet HTML 2Page - Maxim Integrated Products MAX2870 Datasheet HTML 3Page - Maxim Integrated Products MAX2870 Datasheet HTML 4Page - Maxim Integrated Products MAX2870 Datasheet HTML 5Page - Maxim Integrated Products MAX2870 Datasheet HTML 6Page - Maxim Integrated Products MAX2870 Datasheet HTML 7Page - Maxim Integrated Products MAX2870 Datasheet HTML 8Page - Maxim Integrated Products MAX2870 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
MAX2870
23.5MHz to 6000MHz Fractional/
Integer-N Synthesizer/VCO
Typical Operating Characteristics
(Measured with MAX2870 EV Kit. VCC_ = 3.3V, VGND_ = 0V, fREF_IN = 50MHz, TA = +25°C, see the Testing Conditions Table.)
3.0GHz VCO OPEN-LOOP PHASE NOISE
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-160
1
100k
3.0GHz CLOSED-LOOP PHASE NOISE
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
-70
-170
1
100k
-160
-150
-140
-130
-120
-110
-100
-90
-80
DIV1
DIV2
DIV4
DIV8
DIV16
DIV32
DIV64
DIV128
1k
100
10
1
10k
FREQUENCY (kHz)
904MHz INTEGER-N MODE PHASE NOISE
AND SPUR PERFOMANCE vs. FREQUENCY
0
-160
-140
-120
-100
-80
-60
-40
-20
4.5GHz VCO OPEN-LOOP PHASE NOISE
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-160
1
100k
4.5GHz CLOSED-LOOP PHASE NOISE
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
-70
-170
1
100k
-160
-150
-140
-130
-120
-110
-100
-90
-80
DIV1
DIV2
DIV4
DIV8
DIV16
DIV32
DIV64
DIV128
1k
100
10
1
10k
FREQUENCY (kHz)
2687.5MHz INTEGER-N MODE PHASE NOISE
AND SPUR PERFOMANCE vs. FREQUENCY
0
-160
-140
-120
-100
-80
-60
-40
-20
6.0GHz VCO OPEN-LOOP PHASE NOISE
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-160
1
100k
6.0GHz CLOSED-LOOP PHASE NOISE
vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
10
-70
-170
1
100k
-160
-150
-140
-130
-120
-110
-100
-90
-80
DIV1
DIV2
DIV4
DIV8
DIV16
DIV32
DIV64
DIV128
1k
100
10
1
10k
2113.5MHz FRACTIONAL-N PHASE NOISE
(LOW-NOISE MODE) vs. FREQUENCY
FREQUENCY (kHz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-170


Similar Part No. - MAX2870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2870 MAXIM-MAX2870 Datasheet
2Mb / 24P
   23.5MHz to 6000MHz Fractional nteger-N Synthesizer/VCO
Rev 0; 4/12
MAX2870 MAXIM-MAX2870 Datasheet
1Mb / 24P
   23.5MHz to 6000MHz Fractional/Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2870 MAXIM-MAX2870 Datasheet
3Mb / 17P
   All Critical Peripheral Components Included
Rev 2; 11/15
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
2Mb / 24P
   23.5MHz to 6000MHz Fractional nteger-N Synthesizer/VCO
Rev 0; 4/12
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
1Mb / 24P
   23.5MHz to 6000MHz Fractional/Integer-N Synthesizer/VCO
Rev 1; 7/12
More results

Similar Description - MAX2870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2870 MAXIM-MAX2870_V01 Datasheet
998Kb / 25P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2017
MAX2870 MAXIM-MAX2870_12 Datasheet
1Mb / 24P
   23.5MHz to 6000MHz Fractional/Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2871 MAXIM-MAX2871_V01 Datasheet
1Mb / 30P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2020
MAX2870 MAXIM-MAX2870 Datasheet
2Mb / 24P
   23.5MHz to 6000MHz Fractional nteger-N Synthesizer/VCO
Rev 0; 4/12
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com