Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4400AUK+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4400AUK+T
Description  Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4400AUK+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4400AUK+T Datasheet HTML 2Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 9Page - Maxim Integrated Products MAX4400AUK+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
6
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0V, VCM = VDD/2, V SHDN = 5V, RL = ∞ connected to VDD/2, TA = +25°C, unless otherwise noted.)
CAPACITIVE-LOAD STABILITY
2000
0
1k
10k
100k
500
RESISTIVE LOAD (
Ω)
1000
1500
AV = +1
TA = +25°C
UNSTABLE
REGION
STABLE
REGION
2
µs/div
IN
50mV/div
OUT
NONINVERTING SMALL-SIGNAL
TRANSIENT RESPONSE
AV = +1V/V
RL = 2k
10
µs/div
IN
2V/div
OUT
NONINVERTING LARGE-SIGNAL
TRANSIENT RESPONSE
AV = +1V/V
RL = 2k
0
10
5
20
15
25
30
0
200
300
100
400
500
600
PERCENT OVERSHOOT
vs. CAPACITIVE LOAD
CLOAD (pF)
NEGATIVE OVERSHOOT
POSITIVE OVERSHOOT
MAX4402/MAX4403
CHANNEL-TO-CHANNEL ISOLATION
vs. FREQUENCY
130
50
0.01
1
100
1000
60
FREQUENCY (kHz)
80
70
100
110
90
120
0.1
10
0
100
50
250
200
150
400
350
300
450
02
1
3456
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VOUT = VDD/2


Similar Part No. - MAX4400AUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400AUK+T MAXIM-MAX4400AUK+T Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
More results

Similar Description - MAX4400AUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com