Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4401AXT+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4401AXT+T
Description  Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4401AXT+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4401AXT+T Datasheet HTML 1Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 2Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 3Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 4Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 5Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 6Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 7Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 8Page - Maxim Integrated Products MAX4401AXT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL = ∞ connected to VDD/2, SHDN = VDD (MAX4401 only), TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VDD to VSS) .........................-0.3V to +6V
All Other Pins ...................................(VSS - 0.3V) to (VDD + 0.3V)
Output Short-Circuit Duration
OUT Shorted to VSS or VDD................................... Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 2.5mW/°C above +70°C) ............. 200mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin SC70 (derate 2.27mW/°C above +70°C) ............181mW
8-Pin SOT23 (derate 7.52mW/°C above +70°C)..........602mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ............ 362mW
8-Pin SO (derate 5.88mW/°C above +70°C)............... 471mW
14-Pin TSSOP (derate 8.33mW/°C above +70°C) ...... 667mW
14-Pin SO (derate 8.33mW/°C above +70°C)............. 667mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
Slew Rate
SR
1
V/µs
Gain Margin
20
dB
Phase Margin
φM
70
degrees
RL = 2kΩ
RL = 100kΩ
RL = 2kΩ
RL = 100kΩ
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Offset Current
IOS
±0.1
±100
pA
Input Bias Current
IB
±0.1
±100
pA
Input Offset Voltage
VOS
±0.8
±4.5
mV
Supply Current in Shutdown
ISHDN
0.00002
1
µA
Input Resistance
RIN
1000
G
Input Common-Mode Voltage
Range
VCM
VSS
VDD - 1.4
V
Common-Mode Rejection Ratio
CMRR
68
84
dB
Power-Supply Rejection Ratio
PSRR
78
100
Supply Current per Amplifier
Supply Voltage Range
VDD
2.5
5.5
V
IDD
320
µA
RL = 2kΩ
RL = 100kΩ
410
700
Large-Signal Voltage Gain
AVOL
120
dB
90
110
Output Voltage High
VOH
3
mV
55
200
Output Voltage Low
VOL
2
mV
30
75
12
mA
30
Shutdown Mode Output
Leakage
IOUTSHDN
±1.0
µA
SHDN Logic Low
VIL
0.3
 VDD
V
SHDN Logic High
VIH
0.7
 VDD
V
SHDN Input Current
IIL, IIH
±0.001
±500
nA
Gain-Bandwidth Product
GBW
800
kHz
CONDITIONS
VSS + 0.3V ≤
VOUT ≤ VDD - 0.3V
(Note 2)
dB
(Note 2)
MAX4400/MAX4401
SHDN = VSS (Note 1)
Differential or common mode
Inferred from CMRR test
Specified as
|VDD - VOH|
VSS ≤ VCM ≤ VDD - 1.4V
2.5V
≤ VDD ≤ 5.5V
Specified as
|VSS - VOL|
Sourcing
Inferred from PSRR test
Sinking
VDD = 2.5V
Device in shutdown mode, SHDN = VSS,
VSS < VOUT < VCC (Note 1)
(Note 1)
VDD = 5.0V
(Note 1)
SHDN = VDD or VSS (Note 1)
Output Short-Circuit Current
MAX4402/MAX4403
±1.0
±5.5


Similar Part No. - MAX4401AXT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4401AXT+T MAXIM-MAX4401AXT+T Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
More results

Similar Description - MAX4401AXT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com