Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4896ATP+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4896ATP+
Description  Space-Saving, 8-Channel Relay/Load Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4896ATP+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4896ATP+ Datasheet HTML 4Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 5Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 6Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 7Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 8Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 9Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 10Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 11Page - Maxim Integrated Products MAX4896ATP+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Space-Saving, 8-Channel Relay/Load Driver
8
The MAX4896 is an 8-channel relay and load driver for
medium voltage applications up to 50V. The MAX4896
features built-in inductive kickback protection, drive for
latching/nonlatching, or dual-coil relays and an internal
register for detecting open-load and short-circuit faults.
Each independent open-drain output features a 3
Ω on-
resistance and is guaranteed to sink 400mA at VS
4.5V, and 100mA at VS ≤ 3.6V.
The MAX4896 also incorporates a logic input (PDCD)
that allows the device to continue operating when an
overcurrent condition lasts longer than the 280µs (max)
fault delay time. A built-in overvoltage protection clamp
handles kickback voltage transients, which are com-
mon when driving inductive loads. Thermal-shutdown
circuitry shuts off all outputs (OUT_) when the junction
temperature exceeds +160°C.
The MAX4896 employs a reset input that allows the
user to turn off all outputs simultaneously with a single
control line.
The MAX4896 includes a 10MHz SPI-/QSPI-/MICROWIRE-
compatible serial interface. The serial interface is compat-
ible with TTL-/CMOS-logic voltage levels and operates
with a single +2.7V to +5.5V supply.
Serial Interface
The serial interface consists of an 8-bit input shift regis-
ter, a parallel latch (output control register) controlled
by SCLK and CS, and an output status register contain-
ing diagnostics information. The input to the shift regis-
ter is an 8-bit word. Each data bit controls one of the
eight outputs, with the most significant bit (D7) corre-
sponding to OUT8, and the least significant bit (D0)
corresponding to OUT1 (see Table 1). When CS is low,
data at DIN is clocked into the shift register synchro-
nously with SCLK’s rising edge. Driving CS from low to
high latches the data in the shift register to the output
control register.
DOUT is the output of the internal output status register
for diagnostics purposes (see Figure 2 and Tables 2
and 3). Status data for each channel is transferred to
the shift register at the falling edge of CS. The data bits
contained in the shift register are then transferred to the
DOUT output synchronously with SCLK’s falling edge.
While CS is low, the switches always remain in their
previous states. Drive CS high after 8 bits of data have
been shifted in to update the output state, and to further
inhibit data from entering the shift register. When CS is
high, transitions at DIN and SCLK have no effect on the
output, and the first input bit (D7) is present at DOUT.
If the number of data bits entered while CS is low is
greater or less than 8, the shift register contains only
the last 8 data bits, regardless of when they were
entered.
The 3-wire serial interface is compatible with SPI, QSPI,
and MICROWIRE standards. The latch that drives the
analog output stages is updated on the rising edge of
CS, regardless of SCLK’s state.
Diagnostic Information
The MAX4896 contains an internal output status regis-
ter used for diagnostics information for each output
(see Tables 1, 2, and 3). When a fault condition is
detected at any channel for longer than the minimum
fault-filtering time (tD(FAULT)_min), the fault information
is latched into the corresponding position in the output
status register (see Table 2), and the FLAG asserts.
Status/diagnostics data for each channel in the output
status register is transferred to the output shift register
at the falling edge of CS. While CS is low, the diagnos-
tics bits are then transferred to DOUT synchronously
with SCLK’s falling edge. A rising edge at CS resets the
output status register data. During normal operation,
the output status bit is the same as the DIN bit (DO1 =
D1, DO2 = D2). When the MAX4896 is operating with a
fault condition, the output status bit is the inverse of the
DIN bit (DO1 = 0, D1 = 1).
Detail Description
8-BIT SHIFT REGISTER
OUTPUT CONTROL REGISTER (OUT)
DOUT
OUTPUT STATUS REGISTER (OSR)
LATCHED ON CS:
LATCHED ON CS:
DIN
SCLK
CS
Figure 1. Serial Interface


Similar Part No. - MAX4896ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4896ATP++ MAXIM-MAX4896ATP+ Datasheet
263Kb / 14P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
More results

Similar Description - MAX4896ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4896 MAXIM-MAX4896 Datasheet
263Kb / 14P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Texas Instruments
TPD8E003 TI1-TPD8E003 Datasheet
834Kb / 15P
[Old version datasheet]   8-CHANNEL ESD ARRAY FOR PORTABLE SPACE-SAVING APPLICATIONS
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
Panasonic Semiconductor
APV1122AX PANASONIC-APV1122AX Datasheet
74Kb / 3P
   PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com