Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5395LATA+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5395LATA+T
Description  Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5395LATA+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5395LATA+T Datasheet HTML 1Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 2Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 3Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 4Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 5Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 6Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 7Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 8Page - Maxim Integrated Products MAX5395LATA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
MAX5395
Single, 256-Tap Volatile, I2C, Low-Voltage Linear
Taper Digital Potentiometer
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 1.7V to 5.5V, VH = VDD, VL = GND, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = 1.8V,
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Resistor Characteristics)
Terminal Capacitance
CH, CL
Measured to GND
10
pF
Wiper Capacitance
CW
Measured to GND
20
pF
End-to-End Resistor Tempco
TCR
No load
50
ppm/°C
End-to-End Resistor Tolerance
Wiper not connected
-25
+25
%
AC PERFORMANCE
-3dB Bandwidth
BW
Code = 80h, 10pF load,
VDD = 1.8V
10k
1600
kHz
50k
340
100k
165
Total Harmonic Distortion Plus
Noise
THD+N
(Note 6)
0.035
%
Wiper Settling Time
tS
(Note 7)
10k
190
ns
50k
400
100k
664
Charge-Pump Feedthrough at W
VRW
600
nVRMS
POWER SUPPLIES
Supply Voltage Range
VDD
1.7
5.5
V
Terminal Voltage Range
(H, W, L to GND)
Charge pump enabled, 1.7V < VDD < 5.5V
0
5.25
V
Charge pump disabled, 2.6V < VDD < 5.5V
0
VDD
Supply Current (Note 8)
IVDD
Charge pump disabled, 2.6V < VDD < 5.5V
1
µA
Charge pump enabled,
1.7V < VDD < 5.5V
VDD = 5.5V
25
VDD = 1.7V
20
DIGITAL INPUTS
Minimum Input High Voltage
VIH
2.6V < VDD < 5.5V
70
% x
VDD
1.7V < VDD < 2.6V
80
Maximum Input Low Voltage
VIL
2.6V < VDD < 5.5V
30
% x
VDD
1.7V < VDD < 2.6V
20
Input Leakage Current
-1
+1
µA
Input Capacitance
5
pF
ADDR0 Pullup/Pulldown Strength
RPURRPD (Note 9)
60
k
TIMING CHARACTERISTICS (Note 10)
Maximum SCL Frequency
fSCL
400
kHz
Setup Time for START Condition
tSU:STA
0.6
µs


Similar Part No. - MAX5395LATA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
More results

Similar Description - MAX5395LATA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com