Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4568 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4568
Description  ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4568 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4568 Datasheet HTML 3Page - Maxim Integrated Products MAX4568 Datasheet HTML 4Page - Maxim Integrated Products MAX4568 Datasheet HTML 5Page - Maxim Integrated Products MAX4568 Datasheet HTML 6Page - Maxim Integrated Products MAX4568 Datasheet HTML 7Page - Maxim Integrated Products MAX4568 Datasheet HTML 8Page - Maxim Integrated Products MAX4568 Datasheet HTML 9Page - Maxim Integrated Products MAX4568 Datasheet HTML 10Page - Maxim Integrated Products MAX4568 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
±15kV ESD-Protected, Low-Voltage,
SPDT/SPST, CMOS Analog Switches
7
±15kV ESD Protection
The MAX4561/MAX4568/MAX4569 are ±15kV ESD-pro-
tected at the NC/NO terminals in accordance with
IEC1000-4-2. To accomplish this, bidirectional SCRs
are included on-chip between these terminals. When
the voltages at these terminals go Beyond-the-Rails™,
the corresponding SCR turns on in a few nanoseconds
and bypasses the surge safely to ground. This method
is superior to using diode clamps to the supplies
because unless the supplies are very carefully decou-
pled through low-ESR capacitors, the ESD current
through the diode clamp could cause a significant
spike in the supplies. This may damage or compromise
the reliability of any other chip powered by those same
supplies.
There are diodes from NC/NO to the supplies in addi-
tion to the SCRs. A resistance in series with each of
these diodes limits the current into the supplies during
an ESD strike. The diodes protect these terminals from
overvoltages that are not a result of ESD strikes. These
diodes also protect the device from improper power-
supply sequencing.
Once the SCR turns on because of an ESD strike, it
remains on until the current through it falls below its
“holding current.” The holding current is typically
110mA in the positive direction (current flowing into
the NC/NO terminal) at room temperature (see
SCR Holding Current vs.Temperature in the
Typical
Operating Characteristics). Design the system so that
any sources connected to NC/NO are current-limited to
a value below the holding current to ensure the SCR
turns off when the ESD event is finished and normal
operation resumes. Also, remember that the holding
current varies significantly with temperature. The worst
case is at +85°C when the holding currents drop to
70mA. Since this is a typical number to guarantee turn-
off of the SCRs under all conditions, the sources con-
nected to these terminals should be current-limited to
no more than half this value. When the SCR is latched,
the voltage across it is approximately 3V. The supply
voltages do not affect the holding current appreciably.
The sources connected to the COM side of the switches
need not be current limited since the switches turn off
internally when the corresponding SCR(s) latch.
Even though most of the ESD current flows to GND
through the SCRs, a small portion of it goes into V+.
Therefore, it is a good idea to bypass the V+ with 0.1µF
capacitors directly to the ground plane.
ESD protection can be tested in various ways. Inputs
are characterized for protection to the following:
•±15kV using the Human Body Model
•±8kV using the Contact Discharge method speci-
fied in IEC 1000-4-2 (formerly IEC 801-2)
•±15kV using the Air-Gap Discharge method speci-
fied in IEC 1000-4-2 (formerly IEC 801-2)
ESD Test Conditions
Contact Maxim Integrated Products for a reliability report
that documents test setup, methodology, and results.
Human Body Model
Figure 6 shows the Human Body Model, and Figure 7
shows the waveform it generates when discharged into a
low impedance. This model consists of a 100pF capacitor
charged to the ESD voltage of interest, which can be dis-
charged into the test device through a 1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not specifi-
cally refer to integrated circuits. The MAX4561 enables
the design of equipment that meets Level 4 (the highest
level) of IEC 1000-4-2, without additional ESD protec-
tion components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak cur-
rent in IEC 1000-4-2. Because series resistance is lower
in the IEC 1000-4-2 ESD test model (Figure 8), the ESD
withstand voltage measured to this standard is generally
lower than that measured using the Human Body Model.
Figure 9 shows the current waveform for the ±8kV IEC
1000-4-2 Level 4 ESD Contact Discharge test.
The Air-Gap test involves approaching the device with a
charged probe. The Contact Discharge method connects
the probe to the device before the probe is energized.
Chip Information
PROCESS: CMOS
Beyond-the-Rails is a trademark of Maxim Integrated Products.


Similar Part No. - MAX4568

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4568 MAXIM-MAX4568 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4568EUK-T MAXIM-MAX4568EUK-T Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
More results

Similar Description - MAX4568

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com