Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69P618CTQ5R Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCM69P618CTQ5R
Description  64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P618CTQ5R Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCM69P618CTQ5R Datasheet HTML 4Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 5Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 6Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 7Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 8Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 9Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 10Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 11Page - Motorola, Inc MCM69P618CTQ5R Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MCM69P618C
10
MOTOROLA FAST SRAM
APPLICATION INFORMATION
The MCM69P618C BurstRAM is a high speed synchro-
nous SRAM that is intended for use primarily in secondary or
level two (L2) cache memory applications. L2 caches are
found in a variety of classes of computers — from the desk-
top personal computer to the high–end servers and trans-
action processing machines. For simplicity, the majority of L2
caches today are direct mapped and are single bank imple-
mentations. These caches tend to be designed for bus
speeds in the range of 33 to 66 MHz. At these bus rates,
non–pipelined (flow–through) BurstRAMs can be used since
their access times meet the speed requirements for a mini-
mum–latency, zero–wait state L2 cache interface. Latency is
a measure (time) of “dead” time the memory system exhibits
as a result of a memory request.
For those applications that demand bus operation at great-
er than 66 MHz or multi–bank L2 caches at 66 MHz, the pipe-
lined (register/register) version of the 64K x 18 BurstRAM
(MCM69P618C) allows the user to configure the RAM to
support such designs. Multiple banks of BurstRAMs create
additional bus loading and can cause the system to other-
wise miss its timing requirements. The access time (clock–
to–valid–data) of a pipelined BurstRAM is inherently faster
than a non–pipelined device by a few nanoseconds. This
does not come without cost. The cost is latency — “dead”
time.
Since most L2 caches are tied to the processor bus and
bus speeds continue to increase over time, pipelined (R/R)
BurstRAMs are the best choice in achieving zero–wait state
L2 cache performance. At bus speeds ranging from 66 MHz
to 100 MHz, pipelined BurstRAMs are able to provide fast
clock to valid data times required of these high speed buses.
NON–BURST SYNCHRONOUS OPERATION
Although this BurstRAM has been designed for 68K–,
PowerPC–, 486–, i960–, and Pentium–based systems,
these SRAMs can be used in other high speed L2 cache or
memory applications that do not require the burst address
feature. Most L2 caches designed with a synchronous inter-
face can make use of the MCM69P618C. The burst counter
feature of the BurstRAM can be disabled, and the SRAM can
be configured to act upon a continuous stream of addresses.
See Figure 2.
CONTROL PIN TIE VALUES EXAMPLE (H
≥ VIH, L ≤ VIL)
Non–Burst
ADSP
ADSC
ADV
SE1
SE2
LBO
Sync Non–Burst,
Pipelined SRAM
H
L
H
L
H
X
NOTE: Although X is specified in the table as a don’t care, the pin
must be tied either high or low.
WRITES
READS
DQ
K
Q(B)
Q(A)
ADDR
A
B
CD
EF
GH
W
Q(D)
Q(C)
D(F)
D(E)
D(H)
D(G)
G
Figure 2. Example Configuration as Non–Burst Synchronous SRAM
SE3


Similar Part No. - MCM69P618CTQ5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536CTQ4 MOTOROLA-MCM69P536CTQ4 Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536CTQ4.5 MOTOROLA-MCM69P536CTQ4.5 Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536CTQ4.5R MOTOROLA-MCM69P536CTQ4.5R Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536CTQ4R MOTOROLA-MCM69P536CTQ4R Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P618CTQ5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com