Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO-27 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-27
Description  Plastic Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-27 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-27 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-27 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.01
0.3
0.5
0.7
0.9
1.1
1.3
1.5
0.1
10
1.0
Pulse Width
=300
µs
TJ=125
600
200
1
0
100
10
400
300
500
100
TJ=25
Pulse Width=8.3ms
50
0
110
4
100
150
100
f=1MHz
TJ=25
75
0
2
1
0
25
50
3
4
5
100
125
150
200
175
Single Phase
Half Wave60Hz
Resistive or
Inductive Load
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3 --MAXIMUM NON-REPETITIVE FORWARD
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
4A1-4A10
Plastic Silicon Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DO-27

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-27 LUGUANG-DO-27 Datasheet
159Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
190Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
163Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - DO-27

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com