Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6385XS__D_+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6385XS__D_+T
Description  SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6385XS__D_+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6385XS__D_+T Datasheet HTML 2Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 3Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 4Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 5Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 6Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 7Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 8Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 9Page - Maxim Integrated Products MAX6385XS__D_+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SC70/µDFN, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
8
Selector Guide
PART NUMBER
PUSH-PULL
ACTIVE-LOW
PUSH-PULL
ACTIVE-HIGH
OPEN-DRAIN
ACTIVE-LOW
MANUAL RESET
INPUT
MR
RESET IN
MAX6381
X
MAX6382
X
MAX6383
X
MAX6384
X
X
MAX6385
X
X
MAX6386
X
X
MAX6390*
X
X
MAX6387
X
X
MAX6388
X
X
MAX6389
X
X
*
The MAX6390 offers a VCC reset timeout of 1120ms or 1200ms (min) and a manual reset timeout of 140ms or 150ms (min).
VCC
P
MR *
PUSHBUTTON SWITCH
RESET
(RESET)
RESET
INPUT
GND
GND
RESET IN **
VCORE
R1
I/O
VOLTAGE
I/O SUPPLY
CORE
VOLTAGE
R1
MAX6381–MAX6390
*MR
is for MAX6384/MAX6385/MAX6386/MAX6390
**
RESET IN is for MAX6387/MAX6388/MAX6389
( ) are for MAX6382/MAX6385/MAX6388
PART
TEMP RANGE
PIN-
PACKAGE
MAX6383LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6383XR_ _D_+T
-40
°C to +125°C
3 SC70
MAX6384LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6384XS_ _D_+T
-40
°C to +125°C
4 SC70
MAX6385LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6385XS_ _D_+T
-40
°C to +125°C
4 SC70
MAX6386LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6386XS_ _D_+T
-40
°C to +125°C
4 SC70
MAX6387LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6387XS_ _D_+T
-40
°C to +125°C
4 SC70
MAX6388LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6388XS_ _D_+T
-40
°C to +125°C
4 SC70
MAX6389LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6389XS_ _D_+T
-40
°C to +125°C
4 SC70
MAX6390LT_ _D_+T
-40
°C to +125°C
6 µDFN
MAX6390XS_ _D_+T*
-40
°C to +125°C
4 SC70
Ordering Information (continued)
Note: Insert reset threshold suffix (see Reset Threshold table)
after "XR", "XS", or "LT." Insert reset timeout delay (see Reset
Timeout Delay table) after "D" to complete the part number.
Sample stock is generally held on standard versions only (see
Standard Versions table). Standard versions have an order
increment requirement of 2500 pieces. Nonstandard versions
have an order increment requirement of 10,000 pieces.
Contact factory for availability of nonstandard versions.
*
MAX6390 is available with D4 or D7 timing only.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Typical Operating Circuit


Similar Part No. - MAX6385XS__D_+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6385XS16D1-T MAXIM-MAX6385XS16D1-T Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6385XS16D2-T MAXIM-MAX6385XS16D2-T Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6385XS16D3-T MAXIM-MAX6385XS16D3-T Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6385XS16D4-T MAXIM-MAX6385XS16D4-T Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6385XS16D5-T MAXIM-MAX6385XS16D5-T Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results

Similar Description - MAX6385XS__D_+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6414UK31 MAXIM-MAX6414UK31 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage muP Reset Circuits
Rev 5; 8/12
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com