Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6457UKD3C-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6457UKD3C-T
Description  High-Voltage, Low-Current Voltage Monitors in SOT Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6457UKD3C-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6457UKD3C-T Datasheet HTML 1Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 2Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 3Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 4Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 5Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 6Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 7Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 8Page - Maxim Integrated Products MAX6457UKD3C-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX6457–MAX6460 high supply voltage, low-power
voltage monitors operate over a 4V to 28V supply voltage
range. Each device includes a precision bandgap refer-
ence, one or two low-offset voltage comparators, internal
threshold hysteresis, power-good or reset timeout
options, and one or two high-voltage open-drain outputs.
Two external resistors (three for window detection) set the
trip threshold voltages.
The MAX6457 is a single voltage monitor for undervoltage
or overvoltage detection. A logic-based clear input either
latches the output for overvoltage applications or allows
the device to operate in transparent mode. The MAX6458
includes two comparators (one overvoltage and one
undervoltage) for window detection and a single output to
indicate if the monitored input is within an adjustable volt-
age window. The MAX6459 includes dual overvoltage/
undervoltage comparators with two independent com-
parator outputs. Use the MAX6459 as a window com-
parator with separate undervoltage and overvoltage
outputs or as two independent, single voltage monitors.
The MAX6460 includes a single comparator and an inter-
nal reference, and can also accept an external reference.
The inverting and noninverting inputs of the comparator
are externally accessible to support positive or negative
voltage monitors and to configure the device for active-
high or active-low output logic.
The MAX6457/MAX6458 offer fixed timing options as a
voltage detector with a 50µs typical delay or as a reset cir-
cuit with a 90ms minimum reset timeout delay. The moni-
tored input must be above the adjusted trip threshold (or
within the adjusted voltage window for the MAX6458) for
the selected timeout period before the output changes
state. The MAX6459/MAX6460 offer only a fixed 50µs
timeout period. Internal threshold hysteresis options (0.5%,
5%, and 8.3% for the MAX6457/MAX6458/MAX6459, and
0.5% for the MAX6460) reduce output chatter in noise-
sensitive applications. Each device is available in a small
SOT23 package and specified over the extended temper-
ature range of -40°C to +125°C.
Applications
Undervoltage Monitoring/Shutdown
Overvoltage Monitoring/Protection
Window Voltage Detection Circuitry
Multicell Battery-Stack Powered Equipment
Notebooks, eBooks
Automotive
Industrial
Telecom
Networking
Features
o Wide Supply Voltage Range, 4V to 28V
o Internal 2.25V ±2.5% Reference
o Low Current (3.5µA, typ at 12V)
o Open-Drain n-Channel Output (28V Compliant)
o Internal Threshold Hysteresis Options
(0.5%, 5%, 8.3%)
o Two IN-to-OUT Timeout Period Options
(50µs, 150ms)
o Internal Undervoltage Lockout
o Immune to Short Voltage Transients
o Small SOT23 Packages
o Few External Components
o Fully Specified from -40°C to +125°C
High-Voltage, Low-Current Voltage Monitors in
SOT Packages
Ordering Information
5-CELL
Li+
BATTERY
STACK
BATTERY
CHARGER
DC-DC
CONVERTER
LOAD
R1
R2
RPULLUP
SHDN
+21V (NOMINAL)
VCC
GND
CLEAR
IN+
OUT
MAX6457
IN
OUT
Typical Operating Circuit
19-2534; Rev 5; 7/12
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6457UKD_ _-T
-40°C to +125°C
5 SOT23
MAX6458UKD_ _-T
-40°C to +125°C
5 SOT23
MAX6459UT_-T
-40°C to +125°C
6 SOT23
MAX6460UT-T
-40°C to +125°C
6 SOT23
Note: The MAX6457/MAX6458/MAX6459 are available with
factory-trimmed internal hysteresis options. The MAX6457 and
MAX6458 offer two fixed timing options. Select the desired hys-
teresis and timing options using Table 1 or the Selector Guide at
the end of the data sheet, and enter the corresponding letters
and numbers in the part number by replacing “_ _” or “_”. These
devices are offered in tape-and-reel only and must be ordered in
2500-piece increments.
Devices are available in both leaded and lead(Pb)-free/RoHS-
compliant packaging. Specify lead(Pb)-free by replacing “-T”
with “+T” when ordering.


Similar Part No. - MAX6457UKD3C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457UKD3C-T MAXIM-MAX6457UKD3C-T Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457UKD3C-T MAXIM-MAX6457UKD3C-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results

Similar Description - MAX6457UKD3C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
   High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com