Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-05 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BAS40-05
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAS40-05 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAS40-05 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS40-05 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4- TYPICAL REVERSE CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES (BAS40 / -04 / -05 / -06)
FIG.1- POWER DERATING CURVE
0
25
50
75
100
125
200
100
0
T , AMBIENT TEMPERATURE ( C)
A
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
PULSE DURATION. (sec)
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
1
2
5
10
20
100
50
600
300
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
00.2
1.2
T , INSTANTANEOUS FORWARD VOLTAGE (mV)
j
1
0.1
0.01
0.001
0.0001
0.4
0.6
0.8
1.0
FIG.5- TYPICAL TOTAL CAPACITANCE VS
REVERSE VOLTAGE
4.0
2.0
0
0
5
10
15
20
REVERSE VOLTAGE
f = 1.0MHz
10
20
30
40
10000
1000
100
10
1
0.1
V , REVERSE VOLTAGE. (V)
R
0
T = -40 C
A
0
T= 0 C
A
0
T = 25 C
A
0
T = 125 C
A
0
T = 70 C
A
0
T = -40 C
A
0
T = 70 C
A
0
T= 0 C
A
0
T = 25 C
A
0
T = 125 C
A
0
BAS40 / -04 / -05 / -06
Surface Mount Schottky Barrier Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BAS40-05

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BAS40-05 DSK-BAS40-05 Datasheet
336Kb / 3P
   Surface mount schottky barrier diode
logo
NXP Semiconductors
BAS40-05 PHILIPS-BAS40-05 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
logo
Dongguan Pingjingsemi T...
BAS40-05 PJSEMI-BAS40-05 Datasheet
676Kb / 3P
   Schottky Barrier Diodes
logo
TRANSYS Electronics Lim...
BAS40-05 TEL-BAS40-05 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
Shenzhen Jin Yu Semicon...
BAS40-05 HTSEMI-BAS40-05 Datasheet
408Kb / 2P
   SCHOTTKY DIODE
More results

Similar Description - BAS40-05

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com