Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6390LT__D_+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6390LT__D_+T
Description  SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6390LT__D_+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6390LT__D_+T Datasheet HTML 2Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 3Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 4Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 5Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 6Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 7Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 8Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 9Page - Maxim Integrated Products MAX6390LT__D_+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SC70/µDFN, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
9
Chip Information
PROCESS: BiCMOS
Pin Configurations (continued)
( ) IS FOR MAX6388
SC70
TOP VIEW
1
2
4
3
VCC
RESET
(RESET)
GND
MAX6387
MAX6388
MAX6389
1
2
4
3
VCC
MR
RESET
(RESET)
GND
MAX6384
MAX6385
MAX6386
MAX6390
( ) IS FOR MAX6385
( ) IS FOR MAX6385
( ) IS FOR MAX6388
SC70
RESET IN
12
3
65
4
GND
VCC
N.C.
MR
N.C.
MAX6384
MAX6385
MAX6386
MAX6390
µ
DFN
RESET
(RESET)
12
3
65
4
GND
VCC
N.C.
RESET IN
N.C.
MAX6387
MAX6388
MAX6389
µ
DFN
RESET
(RESET)
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND PATTERN
NO.
3 SC70
X3+2
21-0075
90-0208
4 SC70
X4+1
21-0098
90-0187
6
µDFN
L611+1
21-0147
90-0080


Similar Part No. - MAX6390LT__D_+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6390LT MAXIM-MAX6390LT Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
More results

Similar Description - MAX6390LT__D_+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6414UK31 MAXIM-MAX6414UK31 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage muP Reset Circuits
Rev 5; 8/12
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com