Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6459UTB-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6459UTB-T
Description  High-Voltage, Low-Current Voltage Monitors in SOT Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6459UTB-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6459UTB-T Datasheet HTML 1Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 2Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 3Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 4Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 5Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 6Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 7Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 8Page - Maxim Integrated Products MAX6459UTB-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
High-Voltage, Low-Current Voltage Monitors in
SOT Packages
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 4V to 28V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT, OUTA, OUTB, CLEAR to GND ..........-0.3V to +30.0V
IN+, IN- to GND..........................................-0.3V to (VCC + 0.3V)
REF to GND..............-0.3V to the lower of +6V and (VCC + 0.3V)
Input Currents (VCC, IN+, IN-) ............................................20mA
Sink Current (OUT, OUTA, OUTB) ......................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1 mW/°C above +70°C)............571mW
6-Pin SOT23 (derate 8.7 mW/°C above +70°C)............696mW
Junction Temperature ......................................................+150°C
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free................................................................+260°C
Containing lead (Pb) .....................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
(Note 2)
4
28
V
VCC = 5V, no load
2
5
VCC = 12V, no load
3.5
7.5
Supply Current
ICC
VCC = 24V, no load
6.5
12.5
µA
TA = -40°C to +85°C, VCC
≥ 4V
1.195
1.228
1.255
VTH+
VIN
rising
TA = +85°C to +125°C, VCC
≥ 4V
1.170
1.255
TA = -40°C to +85°C
1.180
1.255
MAX645_U_D_A
TA = +85°C to +125°C
1.155
1.255
TA = -40°C to +85°C
1.133
1.194
MAX645_U_D_B
TA = +85°C to +125°C
1.111
1.194
TA = -40°C to +85°C
1.093
1.151
Threshold Voltage
VTH-
VIN
falling
MAX645_U_D_C
TA = +85°C to +125°C
1.071
1.151
V
MAX64_ _U_D_A
0.5
MAX64_ _U_D_B
5
Threshold Voltage Hysteresis
MAX64_ _U_D_C
8.3
%VTH+
IN Operating Voltage Range
VIN
(Note 2)
0
VCC
V
IN Leakage Current
IIN
VIN = 1.25V, VCC = +28V
-55
+55
nA
MAX645_UKD0_
MAX6459UT_
MAX6460UT
50
µs
OUT Timeout Period
tTP
MAX6457 and MAX6458 only,
D3 option
90
150
210
ms
Startup Time
VCC rising from GND to VCC
≥ 4V in less than
1µs (Note 3)
2ms
VIL
0.4
CLEAR Input Logic Voltage
(MAX6457)
VIH
2
V


Similar Part No. - MAX6459UTB-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6459UTB-T MAXIM-MAX6459UTB-T Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTB-T MAXIM-MAX6459UTB-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results

Similar Description - MAX6459UTB-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
   High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com