Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

008016120750601 Datasheet(PDF) 4 Page - AVX Corporation

Part # 008016120750601
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008016120750601 Datasheet(HTML) 4 Page - AVX Corporation

  008016120750601 Datasheet HTML 1Page - AVX Corporation 008016120750601 Datasheet HTML 2Page - AVX Corporation 008016120750601 Datasheet HTML 3Page - AVX Corporation 008016120750601 Datasheet HTML 4Page - AVX Corporation 008016120750601 Datasheet HTML 5Page - AVX Corporation 008016120750601 Datasheet HTML 6Page - AVX Corporation 008016120750601 Datasheet HTML 7Page - AVX Corporation 008016120750601 Datasheet HTML 8Page - AVX Corporation 008016120750601 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
*Select the column desired and replace the XXX with the numbers from column.
**United Course Thread
17
Varicon®
Series 8016 – Rectangular Connector – 38 Contact
00
Prefix
8016
Series
Number
038
Number of
Contacts
217
601
See table
below
ORDERING CODE
PLUG
Actuating
Screw
PLUG
Fixed
Nut
SOCKET
Actuating
Screw
SOCKET
Fixed
Nut
Contact Termination
*000 = Contacts not fitted and ordered separately,
see page 25 for full list of options
217 = Solder 0.098" x 2.49mm
218 = Wire Wrap –
0.025 x 0.050 x 0.567" / 0.64 x 1.27 x 14.4mm
296 = Wire Wrap –
0.025 x 0.026 x 0.579" / 0.64 x 0.66 x 14.7mm
504 = Solder Tail –
750 = Wire Wrap –
0.025 x 0.050 x 0.760" / 0.64 x 1.27 x 19.3mm
*Crimp contacts always ordered separately.
See page 25 for details.
PIN LAYOUT
38
Way
38 CONTACTS
COVER
Insulator
Hardware
No
Top Std Side Std Top Lge Side Lge
Top
Side
Actuating Fixed
Body
Basic P/N*
Color
**Thread Cover Clamp
Clamp
Clamp
Clamp
EX Lge
EX Lge
Screw
Nut
Type
Clamp
Clamp
Male
00 8016 038 000 XXX
Green
UNC
601
603
604
619
620
631
632
Y
N
Male
00 8016 038 000 XXX
Green
UNC
602
605
606
621
622
633
634
N
Y
Male
00 8016 038 000 XXX
Gray
UNC
001
903
904
919
920
931
932
Y
N
Male
00 8016 038 000 XXX
Gray
UNC
002
905
906
921
922
933
934
N
Y
Female
00 8016 038 000 XXX
Green
UNC
608
609
610
623
624
635
636
Y
N
Female
00 8016 038 000 XXX
Green
UNC
607
611
612
625
626
637
638
N
Y
Female
00 8016 038 000 XXX
Gray
UNC
008
909
910
923
924
935
936
Y
N
Female
00 8016 038 000 XXX
Gray
UNC
007
911
912
925
926
937
938
N
Y
19.81
6.35
3.81
1.68
Ø3.79
Ø5.50
6.32
4 AT 3.30
= 13.20
4 AT 3.30
= 13.20
8 AT
1.90 = 15.24
11.89
±0.13
RECOMMENDED LAYOUT
FOR FRONT CHASSIS
MOUNTING & PCB LAYOUT
See page 26 for assembly tools.


Similar Part No. - 008016120750601

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008017100217001 AVX-008017100217001 Datasheet
296Kb / 1P
   Series 8017
008017100217002 AVX-008017100217002 Datasheet
296Kb / 1P
   Series 8017
008017100217003 AVX-008017100217003 Datasheet
296Kb / 1P
   Series 8017
008017100217004 AVX-008017100217004 Datasheet
296Kb / 1P
   Series 8017
008017100217005 AVX-008017100217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com