Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6458 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6458
Description  High-Voltage, Low-Current Voltage Monitors in SOT Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6458 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6458 Datasheet HTML 2Page - Maxim Integrated Products MAX6458 Datasheet HTML 3Page - Maxim Integrated Products MAX6458 Datasheet HTML 4Page - Maxim Integrated Products MAX6458 Datasheet HTML 5Page - Maxim Integrated Products MAX6458 Datasheet HTML 6Page - Maxim Integrated Products MAX6458 Datasheet HTML 7Page - Maxim Integrated Products MAX6458 Datasheet HTML 8Page - Maxim Integrated Products MAX6458 Datasheet HTML 9Page - Maxim Integrated Products MAX6458 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
High-Voltage, Low-Current Voltage Monitors in
SOT Packages
6
Pin Description
PIN
MAX6457
MAX6458
MAX6459
MAX6460
NAME
FUNCTION
MAX6457: Open-Drain Monitor Output. OUT requires an external pullup
resistor. OUT asserts low for VCC between 1.5V and 4V. OUT asserts low
when VIN+ drops below VTH- and goes high after the timeout period (tTP)
when VIN+ exceeds VTH+.
MAX6458: Open-Drain Monitor Output. OUT requires an external pullup
resistor. OUT asserts low for VCC between 1.5V and 4V. OUT asserts low
when VIN+ drops below VTH- or when VIN- exceeds VTH+. OUT goes
high after the timeout period (tTP) when VIN+ exceeds VTH+ and VIN-
drops below VTH-.
1
1
1
OUT
MAX6460: Open-Drain Monitor Output. OUT requires an external pullup
resistor. OUT asserts low for VCC between 1.5V and 4V. OUT asserts low
when VIN+ drops below VIN-. OUT goes high when VIN+ is above VIN-.
1
OUTA
Open-Drain Monitor A Undervoltage Output. OUTA requires an external
pullup resistor. OUTA goes low when VIN+ drops below VTH- and goes
high when VIN+ exceeds VTH+. OUTA also goes low for VCC between
1.5V and 4V.
5
OUTB
Open-Drain Monitor B Overvoltage Output. OUTB requires an external
pullup resistor. OUTB goes low when VIN- exceeds VTH+ and goes high
when VIN- drops below VTH-. OUTB also goes low when VCC drops
below 4V.
2
2
2
2
GND
Ground
33
33
IN+
Adjustable Undervoltage Monitor Threshold Input. Noninverting input for
MAX6460.
4
4
4
IN-
Adjustable Overvoltage Monitor Threshold Input. Inverting input for
MAX6460.
4—
CLEAR
Clear Input. For VIN+ > VTH+, drive CLEAR high to latch OUT high.
Connect CLEAR to GND to make the latch transparent. CLEAR must be
low when powering up the device. Connect CLEAR to GND when not
used.
5
REF
Reference. Internal 2.25V reference output. Connect REF to IN+ through
a voltage divider for active-low output. Connect REF to IN- through a
voltage divider for active-high output. REF can source up to 100µA and
sink up to 300nA. Leave REF floating when not used. REF output is
stable with capacitive loads from 0 to 50pF or greater than 1µF.
55
66
VCC
Supply Voltage


Similar Part No. - MAX6458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6458 MAXIM-MAX6458 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6458 MAXIM-MAX6458 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6458UKD-T MAXIM-MAX6458UKD-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6458UKD0A-T MAXIM-MAX6458UKD0A-T Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6458UKD0A-T MAXIM-MAX6458UKD0A-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results

Similar Description - MAX6458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
   High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com