Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

308016983800000 Datasheet(PDF) 1 Page - AVX Corporation

Part # 308016983800000
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

308016983800000 Datasheet(HTML) 1 Page - AVX Corporation

  308016983800000 Datasheet HTML 1Page - AVX Corporation 308016983800000 Datasheet HTML 2Page - AVX Corporation 308016983800000 Datasheet HTML 3Page - AVX Corporation 308016983800000 Datasheet HTML 4Page - AVX Corporation 308016983800000 Datasheet HTML 5Page - AVX Corporation 308016983800000 Datasheet HTML 6Page - AVX Corporation 308016983800000 Datasheet HTML 7Page - AVX Corporation 308016983800000 Datasheet HTML 8Page - AVX Corporation 308016983800000 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
14
FEATURES
Available in five sizes: 20, 38, 56, 90 and 120 contacts
Insertable / removable Varilok contacts
Crimp, solder, solderless wrap, and taper tab terminations
Exceptional versatility: all hardware can be mounted on
plug or receptacle (see ordering code)
Actuating screw facilitates mating and unmating, locks
mated connectors together
Polarizing hardware can be set to any of six positions at
factory; can also be reset by user (see polarizing code)
Optional cover with top or side cable entry and clamp
Optional cable strain relief clamp with adjustable strap
for large or small cable bundles (fits on sizes 38 and 56)
Plug and receptacle contacts are protected from
mishandling
Guide pins and sockets ensure correct alignment when
mating
Aluminum covers
CSA acceptable polyester material
Varicon®
Series 8016 – .075" x .130" x .150" Grid Pattern
Current Rating:
8 amperes, maximum
Contact Resistance:
6 milliohms, maximum
Contact Material:
Phosphor bronze
Contact Plating:
Gold, 10 microinches min.,
over Nickel,
50-100 microinches
Insulator Material:
Thermoplastic 94V-O glass
filled polyester
Insulation Resistance:
5,000 megohms, min.
(polyester)
Sea Level: 1250 volts RMS
3.4" Hg:
625 volts RMS
Cover and Clamp Material and Finish:
Aluminum with clear chromate under grey
enamel finish
TECHNICAL SPECIFICATIONS


Similar Part No. - 308016983800000

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
3080 HONEYWELL-3080 Datasheet
161Kb / 8P
   Industrial VRS Magnetic Speed Sensors
logo
Alpha Wire
3080 ALPHAWIRE-3080 Datasheet
70Kb / 3P
   Customer Specification
logo
Heyco.
3080 HEYCO-3080 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
Laird Tech Smart Techno...
3080-500 LSTD-3080-500 Datasheet
340Kb / 1P
   SILVER PLATED STRETCH FABRIC WITH ANTI-TARNISH COATING
logo
TE Connectivity Ltd
3080-D1-A-X TEC-3080-D1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com