Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

864075 Datasheet(PDF) 9 Page - Intel Corporation

Part # 864075
Description  8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

864075 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 864075 Datasheet HTML 5Page - Intel Corporation 864075 Datasheet HTML 6Page - Intel Corporation 864075 Datasheet HTML 7Page - Intel Corporation 864075 Datasheet HTML 8Page - Intel Corporation 864075 Datasheet HTML 9Page - Intel Corporation 864075 Datasheet HTML 10Page - Intel Corporation 864075 Datasheet HTML 11Page - Intel Corporation 864075 Datasheet HTML 12Page - Intel Corporation 864075 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
PRELIMINARY
5
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Table 3. 80C196NU 100-pin SQFP Pin Assignment Arranged by Functional Categories
Address & Data
Address & Data
(continued)
Input/Output
Power & Ground
Name
Pin
Name
Pin
Name
Pin
Name
Pin
A0
4
AD12
86
CS0#/P3.0
18
V
CC
6
A1
5
AD13
85
CS1#/P3.1
19
V
CC
14
A2
8
AD14
84
CS2#/P3.2
20
V
CC
28
A3
9
AD15
83
CS3#/P3.3
21
V
CC
34
A4
10
CS4#/P3.4
23
V
CC
42
A5
11
Bus Control & Status
CS5#/P3.5
24
V
CC
52
A6
12
Name
Pin
EPA0/P1.0
27
V
CC
67
A7
13
ALE
73
EPA1/P1.1
29
V
CC
80
A8
65
BHE#/WRH#
74
EPA2/P1.2
30
V
CC
92
A9
64
BREQ#
47
EPA3/P1.3
31
V
SS
7
A10
63
HOLD#
49
EPORT.0
82
V
SS
15
A11
62
HLDA#
50
EPORT.1
81
V
SS
22
A12
61
INST
72
EPORT.2
78
V
SS
36
A13
60
RD#
75
EPORT.3
77
V
SS
43
A14
59
READY
71
P2.2
46
V
SS
53
A15
58
WR#/WRL#
76
P2.3
47
V
SS
56
A16
82
P2.4
48
V
SS
66
A17
81
Processor Control
P2.5
49
V
SS
79
A18
78
Name
Pin
P2.6
50
V
SS
90
A19
77
CLKOUT
51
P2.7
51
AD0
100
EXTINT0
46
P3.6
25
No Connection
AD1
99
EXTINT1
48
P3.7
26
Name
Pin
AD2
98
EXTINT2
25
P4.3
41
NC
3
AD3
97
EXTINT3
26
PWM0/P4.0
38
NC
16
AD4
96
NMI
2
PWM1/P4.1
39
NC
57
AD5
95
ONCE
69
PWM2/P4.2
40
AD6
94
RESET#
1
RXD/P2.1
45
AD7
93
RPD
70
T1CLK/P1.4
32
AD8
91
XTAL1
55
T1DIR/P1.5
33
AD9
89
XTAL2
54
T2CLK/P1.6
35
AD10
88
PLLEN1
17
T2DIR/P1.7
37
AD11
87
PLLEN2
68
TXD/P2.0
44


Similar Part No. - 864075

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8640 GILWAY-8640 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
List of Unclassifed Man...
8640 ETC2-8640 Datasheet
367Kb / 1P
   LEVER ACTION PC CARD EJECTORS
logo
Heyco.
8640 HEYCO-8640 Datasheet
130Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Christian Bürkert GmbH ...
8640 BURKERT-8640 Datasheet
6Mb / 32P
   Modular valve island for pneumatics
04.10.2023
8640 BURKERT-8640 Datasheet
1,009Kb / 9P
   Single phase primary switched power supply
01.10.2019
More results

Similar Description - 864075

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C196NU40 INTEL-S80C196NU40 Datasheet
3Mb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
80296SA INTEL-80296SA Datasheet
349Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA40 INTEL-S80296SA40 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA50 INTEL-S80296SA50 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com