Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y92A-48 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # Y92A-48
Description  Digital Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y92A-48 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button Y92A-48 Datasheet HTML 4Page - Omron Electronics LLC Y92A-48 Datasheet HTML 5Page - Omron Electronics LLC Y92A-48 Datasheet HTML 6Page - Omron Electronics LLC Y92A-48 Datasheet HTML 7Page - Omron Electronics LLC Y92A-48 Datasheet HTML 8Page - Omron Electronics LLC Y92A-48 Datasheet HTML 9Page - Omron Electronics LLC Y92A-48 Datasheet HTML 10Page - Omron Electronics LLC Y92A-48 Datasheet HTML 11Page - Omron Electronics LLC Y92A-48 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
H5CL
H5CL
9
Input Circuits
Start, Reset, and Gate Input
H5CL-A
j (AC Models)
Key Protection Input
IN
Vin – 3.5V
(16V max.)
1 k
Internal circuit
Vin: Supply voltage
H5CL-AD
j (DC Models)
IN
+12 V
1 k
Internal circuit
IN
Internal circuit
+5 V
4.7 k
Note:
No key input is effective while
key protection input is ON.
Input Connections
Open Collector Output
Voltage Output
12 VDC
1
7
6
5
3
7
9
8
6
PC or sensor
0 V
Output
12 VDC
PC or sensor
0 V
Output
AC models
DC models
1
7
6
5
3
7
9
8
6
AC models
DC models
Contact input
7
6
5
3
7
9
8
6
AC models
DC models
Start, Reset, and Gate Input Specification
ON impedance:
500
Ω max. (the leakage current is 5 to 20 mA when the impedance is 0 Ω.)
ON residual voltage:
2 V max.
OFF impedance:
100 k
Ω min.
Maximum applicable voltage: 30 VDC max.
Two-wire Sensor
7
6
5
3
7
9
8
6
Sensor
0 V
AC models
DC models
Applicable Two-wire Sensor
Leakage current:
1.5 mA max.
Switching capacity: 5 mA min.
Residual voltage:
3 V max.
Operating voltage: 10 VDC
Note:
When connecting a two-wire sensor to a DC models, sup-
ply 24 VDC (21.6 to 26.4 VDC) to the timer.
Key Protection Input
4
3
10
6
AC models
DC models
Open collector
or
contact
Key Protection Input
ON impedance:
1 k
Ω max.
(the leakage current is approx. 1 mA when the impedance is 0
Ω.)
ON residual voltage:
0.5 V max.
OFF impedance:
100 k
Ω min.
Maximum applicable voltage: 30 VDC max.
Note:
The used contact should switch 1 mA at 5 V.


Similar Part No. - Y92A-48

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92A-48B OMRON-Y92A-48B Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
Y92A-48B OMRON-Y92A-48B Datasheet
398Kb / 15P
   Solid-State Digital Timer
Y92A-48D OMRON-Y92A-48D Datasheet
398Kb / 15P
   Solid-State Digital Timer
Y92A-48G OMRON-Y92A-48G Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
Y92A-48G OMRON-Y92A-48G Datasheet
398Kb / 15P
   Solid-State Digital Timer
More results

Similar Description - Y92A-48

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
   Multifunction Digital timer
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
   DIGITAL WINDOW WATCHDOG TIMER
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
   SIEMENS PROGRAMMABLE DIGITAL TIMER
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com