Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7GP-T Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H7GP-T
Description  Total Counter/Time Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7GP-T Datasheet(HTML) 3 Page - Omron Electronics LLC

  H7GP-T Datasheet HTML 1Page - Omron Electronics LLC H7GP-T Datasheet HTML 2Page - Omron Electronics LLC H7GP-T Datasheet HTML 3Page - Omron Electronics LLC H7GP-T Datasheet HTML 4Page - Omron Electronics LLC H7GP-T Datasheet HTML 5Page - Omron Electronics LLC H7GP-T Datasheet HTML 6Page - Omron Electronics LLC H7GP-T Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
H7GP
3
■ Characteristics
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying terminal and exposed non-current-carrying metal parts
(AC model)
1,000 VAC, 50/60 Hz for 1 min between current-carrying terminal and exposed non-current-carrying metal parts
(DC model)
2,000 VAC, 50/60 Hz for 1 min between power terminals and control input terminals (AC model)
Impulse withstand voltage 3 kV (between power terminals) (1 kV for 12-to-24-VDC models)
4.5 kV (between current-carrying terminal and exposed non-current-carrying metal parts) (1.5 kV for 12-to-24-VDC
models)
Noise immunity
±1.5 kV (between AC power terminals), ±480 V (between DC power terminals),
±480 V (between input terminals);
square-wave noise by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
Static immunity
Display:
Malfunction:8 kV
Destruction:15 kV
DIP switch: Malfunction:4 kV
Destruction:8 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm single amplitude, 2 hours each in three directions
Malfunction: 10 to 55 Hz with 0.5-mm single amplitude, 10 minutes each in three directions
Shock resistance
Destruction: 294 m/s2 each in three directions
Malfunction: 196 m/s2 each in three directions
Ambient temperature
Operating: –10
°C to 55°C (with no icing)
Storage:
–25
°C to 65°C (with no icing)
Ambient humidity
Operating: 35% to 85%
EMC
(EMI)
EN61326
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
(EMS)
EN61326
Immunity ESD:
EN61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
EN61000-4-3: 10 V/m (Amplitude-modulated, 80 MHz to 1 GHz) (level 3);
10 V/m (Pulse-modulated, 900 MHz
±5 MHz) (level 3)
Immunity Conducted Disturbance: EN61000-4-6: 10 V (0.15 to 80 MHz) (according to EN61000-6-2)
Immunity Burst:
EN61000-4-4: 2 kV power-line (level 3);
2 kV I/O signal-line (level 4)
Immunity Surge:
EN61000-4-5: 1 kV line to lines (power and output lines) (level 2);
2 kV line to ground (power and output lines) (level 3)
Immunity Voltage Dip/Interruption: EN61000-4-11: 0.5 cycle, 100% (rated voltage)
Approved standards
UL508, CSA22.2 No.14, conforms to EN61010-1, VDE0106/P100
Case color
Rear section: Gray smoke; Front section: 5Y7/1 (light gray) or N1.5 (black)
Weight
Approx. 75 g


Similar Description - H7GP-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
   Self-powered Total Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
WAGO Kontakttechnik Gmb...
750-404-000-002 WAGO-750-404-000-002 Datasheet
551Kb / 12P
   Peak Time Counter
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
logo
List of Unclassifed Man...
H7ET ETC-H7ET Datasheet
449Kb / 7P
   Self-powered Time Counter
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
   Elapsed Time Counter Module
093002
logo
Dallas Semiconductor
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
   Parallel-Interface Elapsed Time Counter
logo
NXP Semiconductors
HEF4534B PHILIPS-HEF4534B Datasheet
128Kb / 10P
   Real time 5-decade counter
January 1995
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
   Power Failure Elapsed Time Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com