Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

008017130217001 Datasheet(PDF) 1 Page - AVX Corporation

Part # 008017130217001
Description  Series 8017
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008017130217001 Datasheet(HTML) 1 Page - AVX Corporation

  008017130217001 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24
Varicon®
Series 8017
Insulator Variation Cover &
Body
Code
Cable
Actuating Fixed
Type
No.
Entrance
Screw
Screw
001
No
Yes
No
002
No
No
Yes
003
Top
Yes
No
Plug
004
Side
Yes
No
005
Top
No
Yes
006
Side
No
Yes
VARIATION CODE
RECOMMENDED CHASSIS LAYOUT
Insulator Variation
Cover &
Body
Code
Cable
Fixed Actuating
Type
No.
Entrance
Nut
Nut
007
No
Yes
No
008
No
No
Yes
Receptacle
009
Top
Yes
No
010
Side
Yes
No
011
Top
No
Yes
012
Side
No
Yes
00
Prefix
8017
Series
Number
XXX
Number of
Positions
75, 100, 130
XXX
0XX
See
Variation
Code
ORDERING CODE
Contact Code
217 = Solder 0.098" x 2.49mm –
60 8017 0513 00 339
218 = Wire Wrap –
0.025 x 0.050 x 0.567" / 0.64 x 1.27 x 14.4mm
60 8017 0613 00 339
750 = Wire Wrap –
0.025 x 0.050 x 0.760" / 0.64 x 1.27 x 19.3mm
60 8017 0623 00 339
296 = Wire Wrap –
0.025 x 0.026 x 0.579" / 0.64 x 0.66 x 14.7mm
60 8017 0633 00 339
313 = Wire Crimp (Contacts Loose) –
Must be ordered separately
60 8017 0313 00 339
323 = Wire Crimp (1800 Contacts on a Reel) –
60 8017 0323 99 339
Must be ordered separately
75/100/130 CONTACTS
Plug with
Plug with
Actuating Screw 001
Fixed Screw 002
Receptacle with
Receptacle with
Fixed Nut 007
Actuating Nut 008
Plug
75 CONTACTS
Plug
Receptacle
Receptacle
100 CONTACTS
Plug
Receptacle
130 CONTACTS
Plug
001
002
003
004
005
006
CONNECTOR PLUG
AND RECEPTACLE
COMBINATIONS
No. of
Front Chassis Mtg.
Back Chassis Mtg.
Pos.
B
C
D
B
C
D
75
2.500/63.50 1.953/49.61 1.437/36.50 2.500/63.50 2.953/75.00 1.656/42.06
100
3.100/78.74 2.546/64.67 1.437/36.50 3.100/78.74 3.562/90.47 1.656/42.06
130
3.700/93.98 3.156/80.16 1.437/36.50 3.700/93.98 4.156/105.56 1.656/42.06
Dimensions inches/mm


Similar Part No. - 008017130217001

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008017217001 AVX-008017217001 Datasheet
796Kb / 12P
   Series 8016 . .075" x .130" x .150" Grid Pattern
008017217002 AVX-008017217002 Datasheet
796Kb / 12P
   Series 8016 . .075" x .130" x .150" Grid Pattern
008017217003 AVX-008017217003 Datasheet
796Kb / 12P
   Series 8016 . .075" x .130" x .150" Grid Pattern
008017217004 AVX-008017217004 Datasheet
796Kb / 12P
   Series 8016 . .075" x .130" x .150" Grid Pattern
008017217005 AVX-008017217005 Datasheet
796Kb / 12P
   Series 8016 . .075" x .130" x .150" Grid Pattern
More results

Similar Description - 008017130217001

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com