Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD-523 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOD-523
Description  High Speed Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOD-523 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOD-523 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOD-523 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low forward voltage.
Fast reverse recovery time.
Small total capacitance.
High-speed switching in surface mounted circuits.
Type No.
Marking
Package Code
1SS387
G
SOD-523
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
VRRM
85
V
Reverse voltage
VR
80
V
Continuous forward current
IF
100
mA
Surge current
IFSM
1
A
Total power dissipation
Ptot
150
mW
Junction temperature
Tj
125
Storage temperature
Tstg
-55-125
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
0.62
V
IF=1mA
0.75
V
IF=10mA
Forward voltage
VF
0.98
1.2
V
IF=100mA
0.1
μA
VR=30V
Reverse current
IR
0.5
μA
VR=80V
Diode capacitance
Cd
0.5
3
pF
VR=0,f=1MHz
Reverse recovery time
trr
1.6
4
ns
IF=10mA
1SS387
High Speed Switching Diodes
Features
Applications
Ordering Information
Dimensions in inches and (millimeters)
SOD-523
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOD-523

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SOD-523 DIODES-SOD-523 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
Shenzhen Luguang Electr...
SOD-523 LUGUANG-SOD-523 Datasheet
391Kb / 2P
   High Speed Switching Diode
SOD-523 LUGUANG-SOD-523 Datasheet
386Kb / 2P
   High Speed Switching Diode
SOD-523 LUGUANG-SOD-523 Datasheet
159Kb / 2P
   Zener Diodes
SOD-523 LUGUANG-SOD-523 Datasheet
304Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - SOD-523

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com