Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

608017031300339 Datasheet(PDF) 11 Page - AVX Corporation

Part # 608017031300339
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

608017031300339 Datasheet(HTML) 11 Page - AVX Corporation

Back Button 608017031300339 Datasheet HTML 4Page - AVX Corporation 608017031300339 Datasheet HTML 5Page - AVX Corporation 608017031300339 Datasheet HTML 6Page - AVX Corporation 608017031300339 Datasheet HTML 7Page - AVX Corporation 608017031300339 Datasheet HTML 8Page - AVX Corporation 608017031300339 Datasheet HTML 9Page - AVX Corporation 608017031300339 Datasheet HTML 10Page - AVX Corporation 608017031300339 Datasheet HTML 11Page - AVX Corporation 608017031300339 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
24
Varicon®
Series 8017
Insulator Variation Cover &
Body
Code
Cable
Actuating Fixed
Type
No.
Entrance
Screw
Screw
001
No
Yes
No
002
No
No
Yes
003
Top
Yes
No
Plug
004
Side
Yes
No
005
Top
No
Yes
006
Side
No
Yes
VARIATION CODE
RECOMMENDED CHASSIS LAYOUT
Insulator Variation
Cover &
Body
Code
Cable
Fixed Actuating
Type
No.
Entrance
Nut
Nut
007
No
Yes
No
008
No
No
Yes
Receptacle
009
Top
Yes
No
010
Side
Yes
No
011
Top
No
Yes
012
Side
No
Yes
00
Prefix
8017
Series
Number
XXX
Number of
Positions
75, 100, 130
XXX
0XX
See
Variation
Code
ORDERING CODE
Contact Code
217 = Solder 0.098" x 2.49mm –
60 8017 0513 00 339
218 = Wire Wrap –
0.025 x 0.050 x 0.567" / 0.64 x 1.27 x 14.4mm
60 8017 0613 00 339
750 = Wire Wrap –
0.025 x 0.050 x 0.760" / 0.64 x 1.27 x 19.3mm
60 8017 0623 00 339
296 = Wire Wrap –
0.025 x 0.026 x 0.579" / 0.64 x 0.66 x 14.7mm
60 8017 0633 00 339
313 = Wire Crimp (Contacts Loose) –
Must be ordered separately
60 8017 0313 00 339
323 = Wire Crimp (1800 Contacts on a Reel) –
60 8017 0323 99 339
Must be ordered separately
75/100/130 CONTACTS
Plug with
Plug with
Actuating Screw 001
Fixed Screw 002
Receptacle with
Receptacle with
Fixed Nut 007
Actuating Nut 008
Plug
75 CONTACTS
Plug
Receptacle
Receptacle
100 CONTACTS
Plug
Receptacle
130 CONTACTS
Plug
001
002
003
004
005
006
CONNECTOR PLUG
AND RECEPTACLE
COMBINATIONS
No. of
Front Chassis Mtg.
Back Chassis Mtg.
Pos.
B
C
D
B
C
D
75
2.500/63.50 1.953/49.61 1.437/36.50 2.500/63.50
2.953/75.00 1.656/42.06
100
3.100/78.74 2.546/64.67 1.437/36.50 3.100/78.74
3.562/90.47 1.656/42.06
130
3.700/93.98 3.156/80.16 1.437/36.50 3.700/93.98 4.156/105.56 1.656/42.06
Dimensions inches/mm


Similar Part No. - 608017031300339

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6080 SCHURTER-6080 Datasheet
465Kb / 4P
   IEC Appliance Inlet C14/C18, Screw-on mounting, Front side,Quick-connect
13.10.2022
logo
Heyco.
6080 HEYCO-6080 Datasheet
139Kb / 1P
   Heavy Duty Ring and Spade Terminals
logo
Analog Technologies, In...
608000502000 ANALOGTECHNOLOGIES-608000502000 Datasheet
512Kb / 7P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Wurth Elektronik GmbH &...
608000502000 WURTH-608000502000 Datasheet
511Kb / 8P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Analog Devices
60800213421 AD-60800213421 Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com