Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HC125 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL74HC125
Description  Quad 3-State Noninverting Buffers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC125 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL74HC125 Datasheet HTML 1Page - System Logic Semiconductor SL74HC125 Datasheet HTML 2Page - System Logic Semiconductor SL74HC125 Datasheet HTML 3Page - System Logic Semiconductor SL74HC125 Datasheet HTML 4Page - System Logic Semiconductor SL74HC125 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SL74HC125
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±35
mA
ICC
DC Supply Current, VCC and GND Pins
±75
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
VCC =2.0 V
VCC =4.5 V
VCC =6.0 V
0
0
0
1000
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - SL74HC125

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC123 SLS-SL74HC123 Datasheet
59Kb / 6P
   Dual Retriggerable Monostable Multivibrator
SL74HC123D SLS-SL74HC123D Datasheet
59Kb / 6P
   Dual Retriggerable Monostable Multivibrator
SL74HC123N SLS-SL74HC123N Datasheet
59Kb / 6P
   Dual Retriggerable Monostable Multivibrator
More results

Similar Description - SL74HC125

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
   Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
MC74HC126ANG ONSEMI-MC74HC126ANG Datasheet
148Kb / 8P
   Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com