Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B22LH-GC Datasheet(PDF) 5 Page - Ohmite Mfg. Co.

Part # B22LH-GC
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

B22LH-GC Datasheet(HTML) 5 Page - Ohmite Mfg. Co.

  B22LH-GC Datasheet HTML 1Page - Ohmite Mfg. Co. B22LH-GC Datasheet HTML 2Page - Ohmite Mfg. Co. B22LH-GC Datasheet HTML 3Page - Ohmite Mfg. Co. B22LH-GC Datasheet HTML 4Page - Ohmite Mfg. Co. B22LH-GC Datasheet HTML 5Page - Ohmite Mfg. Co. B22LH-GC Datasheet HTML 6Page - Ohmite Mfg. Co. B22LH-GC Datasheet HTML 7Page - Ohmite Mfg. Co. B22LH-GC Datasheet HTML 8Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
www.nkk.com
A16
A
Color Codes:
Straight
Material: PVC
Colors Available:
A, B, C
Straight with Bracket
Material: PVC
Colors Available:
A, B, C
Black
White
Red
Yellow
Green
Blue
A
B
C
E
F
G
P
B
Right Angle with Bracket
Vertical with Bracket
V
OPTIONAL CAPS
AT4003
.394” (10.0mm) Bat Lever Cap
G
AT4064
.248” (6.3mm) Bat Lever Cap
J
Gray
H
(2.54) Typ
.100
(0.6) Dia Typ
.024
(3.1) Typ
.122
(5.08)
.200
(3.1)
.122
(0.4) Typ
.016
(0.6) Dia Typ
.024
(2.54) Typ
.100
(10.16)
.400
(5.08)
.200
(5.08)
.200
(0.6) Typ
.024
H
(0.4)
.016
(0.6)
.024
(2.54) Typ
.100
(0.6) Dia Typ
.024
(0.5) Typ
.020
(0.4)
.016
(0.5) Typ
.020
(0.6)
.024
(2.54) Typ
.100
(2.54) Typ
.100(0.6) Dia Typ
.024
Use of a support bracket is recommended to increase PCB mounting strength and stability.
PC TERMINALS
26°
(3.0) Dia
.118
(10.0)
.394
(11.0)
.433
26°
(3.0) Dia
.118
(6.3)
.248
(7.0)
.276


Similar Part No. - B22LH-GC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B22LH-GC NKK-B22LH-GC Datasheet
250Kb / 8P
   General Specifications
More results

Similar Description - B22LH-GC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com