Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO-35 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-35
Description  Small Signal Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-35 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-35 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-35 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For general purpose applications
Case:JEDEC DO--35,glass case
Weight: Approx. 0.13 gram
(Ratings at 25
ambient temperature unless otherw ise specified)
Min.
UNITS
V
μA
V
pF
ns
K/W
Storage temperature range
TSTG
Reverse breakdow n voltage
@ I
R=10
A
Symbols
V
R
ELECTRICAL CHARACTERISTICS
I
R
Thermal resistance junction to ambient air
CJ
0.6
VOLTAGE RANGE: 40 -- 20 V
CURRENT: 400 mW
DO - 35(GLASS)
mW
A
Peak reverse voltage
400
1)
Symbols
Polarity: Color band denotes cathode end
Junction tenperature
Pow er dissipation (Infinite Heat Sink)
ABSOLUTE RATINGS(LIMITING VALUES)
VRRM
Ptot
IFSM
UNITS
V
fast switching and low logic level applications
Metal silicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,steering,biasing and coupling diodes for
RθJA
Leakage current
@ VR=50V
Junction capacitance
@ VR=0V,f=1MHz
Reverse recovery time @ IF=IR=50mAto200mA,recover to0.1IR
Forw ard voltage drop @
I
F
=20mA
250
1)Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Single cycle surge 60Hz sine w ave
5
50
15
I
F
=200mA
VF
trr
Max.
Typ.
10
TJ
0.37
-55 ---+ 150
125
SD103A
SD103B
SD103C
40
30
20
SD103A
SD103B
SD103C
40
30
20
SD103A,VR=30V
SD103B,VR=20V
SD103C,VR=10V
-
-
-
-
-
-
-
-
-
-
-
-
Forward continuous current
I(AV)
350
m A
Dimensions in millimeters
SD103A-SD103C
Small Signal Switching Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DO-35

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-35 LUGUANG-DO-35 Datasheet
141Kb / 2P
   Small Signal Schottky Diodes
DO-35 LUGUANG-DO-35 Datasheet
152Kb / 3P
   Small Signal Schottky Diodes
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
Shenzhen Luguang Electr...
DO-35 LUGUANG-DO-35 Datasheet
137Kb / 2P
   Small Signal Schottky Diodes
DO-35 LUGUANG-DO-35 Datasheet
155Kb / 3P
   Small Signal Schottky Diodes
More results

Similar Description - DO-35

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com