Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSD2004 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # CMSD2004
Description  Surface Mount Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

CMSD2004 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  CMSD2004 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd CMSD2004 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic
Symbol
Min
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
240
V
IR= 100μA
Forward Voltage
VF
1
V
IF=100mA
Reverse Leakage Current
IR
0.1
mA
VR=240V
Diode Capacitance
CD
5
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
4.0
ns
IF=IR=10mA
RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
CMSD2004
Surface Mount Switching Diode
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - CMSD2004

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
CMSD2004 BILIN-CMSD2004 Datasheet
269Kb / 3P
   Surface mount switching diode
CMSD2004 BILIN-CMSD2004 Datasheet
172Kb / 3P
   Surface mount switching diode
logo
Central Semiconductor C...
CMSD2004S CENTRAL-CMSD2004S Datasheet
124Kb / 2P
   HIGH VOLTAGE SWITCHING DIODE
logo
Guangdong Kexin Industr...
CMSD2004S KEXIN-CMSD2004S Datasheet
49Kb / 1P
   High Voltage Switching Diode
logo
Jiangsu Changjiang Elec...
CMSD2004S JIANGSU-CMSD2004S Datasheet
1,000Kb / 4P
   SWITCHING DIODE
More results

Similar Description - CMSD2004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com