Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT-323 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOT-323
Description  Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOT-323 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOT-323 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-323 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power dissipation PD=200Mw.
Two diode elements are connected
in series.
High speed switching application.
Type No.
Marking
Package Code
DA204U
K
SOT-323
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Reverse Voltage
VR
20
V
Forward Current(DC)
IF
200
mA
Surge forward Current
t=1
μs
IFS
300
mA
Power Dissipation
PD
200
mW
Operating Junction Temperature Range
Tj
150
Storage Temperature Range
TSTG
-55 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
Min
MAX
UNI
T
Test Condition
Reverse Breakdown Voltage
V(BR)R
20
-
V
IR= 100μA
Forward Voltage
VF
-
1.0
V
IF=10mA
Reverse Leakage Current
IR
-
0.1
μA
VR=15V
DA204U
Switching Diodes
Dimensions in inches and (millimeters)
SOT-323
Features
Applications
Ordering Information
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOT-323

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
SOT-323 WINNERJOIN-SOT-323 Datasheet
546Kb / 3P
   SWITCHING DIODE
logo
Shenzhen Luguang Electr...
SOT-323 LUGUANG-SOT-323 Datasheet
247Kb / 1P
   Schottky Barrier Diodes
logo
SHENZHEN YONGERJIA INDU...
SOT-323 WINNERJOIN-SOT-323 Datasheet
130Kb / 1P
   TRANSISTOR (NPN)
logo
Shenzhen Luguang Electr...
SOT-323 LUGUANG-SOT-323 Datasheet
245Kb / 1P
   Schottky Barrier Diodes
SOT-323 LUGUANG-SOT-323 Datasheet
253Kb / 2P
   Surface Mount Switching Diodes
More results

Similar Description - SOT-323

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com