Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT-23 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOT-23
Description  Dual Surface Mount Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOT-23 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOT-23 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-23 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse voltage leakage current
IR
VR=70V
0.1
μA
Forward voltage
VF
IF=100mA
1.2
V
Total capacitance
CT
VR=6V,f=1MHz
3.5
pF
Reverse recovery time
trr
IF=5mA,VR=6V,
RL=50Ω
4
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
DAP202
Dual Surface Mount Fast Switching Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOT-23

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SOT-23 LUGUANG-SOT-23 Datasheet
219Kb / 2P
   Surface Mount Switching Diode
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
   PACKAGE DIMENSION
logo
Motorola, Inc
SOT-23 MOTOROLA-SOT-23 Datasheet
258Kb / 20P
   Zener Voltage Regulator Didoes
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
98Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - SOT-23

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS28Q DIODES-BAS28Q Datasheet
346Kb / 5P
   DUAL SURFACE MOUNT FAST SWITCHING DIODE
September 2017 Rev. 1 - 2
logo
Shenzhen Luguang Electr...
DAN202 LUGUANG-DAN202_V01 Datasheet
1Mb / 2P
   Dual Surface Mount Fast Switching Diode
logo
Diodes Incorporated
BAS28 DIODES-BAS28 Datasheet
397Kb / 5P
   DUAL SURFACE MOUNT FAST SWITCHING DIODE
May 2016 Rev. 2 - 2
logo
Shenzhen Luguang Electr...
DAP202 LUGUANG-DAP202_V01 Datasheet
1Mb / 2P
   Dual Surface Mount Fast Switching Diode
DAN202 LUGUANG-DAN202 Datasheet
224Kb / 2P
   Dual Surface Mount Fast Switching Diode
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com