Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1203IPWT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1203IPWT
Description  Motor control, current measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWT Datasheet(HTML) 4 Page - Texas Instruments

  ADS1203IPWT Datasheet HTML 1Page - Texas Instruments ADS1203IPWT Datasheet HTML 2Page - Texas Instruments ADS1203IPWT Datasheet HTML 3Page - Texas Instruments ADS1203IPWT Datasheet HTML 4Page - Texas Instruments ADS1203IPWT Datasheet HTML 5Page - Texas Instruments ADS1203IPWT Datasheet HTML 6Page - Texas Instruments ADS1203IPWT Datasheet HTML 7Page - Texas Instruments ADS1203IPWT Datasheet HTML 8Page - Texas Instruments ADS1203IPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV,
VIN− = 0V, Mode 3, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless otherwise noted.
PARAMETER
UNITS
ADS1203I
TEST CONDITIONS
PARAMETER
UNITS
MAX
TYP(1)
MIN
TEST CONDITIONS
AC Accuracy
SINAD
Signal-to-noise + distortion
VIN =
±250mVPP at 5kHz
81
85
dB
SINAD
Signal-to-noise + distortion
VIN =
±250mVPP at 5kHz, TA = −40°C to +85°C
82.5
dB
SNR
Signal-to-noise ratio
VIN =
±250mVPP at 5kHz
81.5
85
dB
SNR
Signal-to-noise ratio
VIN =
±250mVPP at 5kHz, TA = −40°C to +85°C
83
dB
THD
Total harmonic distortion
VIN =
±250mVPP at 5kHz
−95
−87
dB
THD
Total harmonic distortion
VIN =
±250mVPP at 5kHz, TA = −40°C to +85°C
−88
dB
SFDR
Spurious-free dynamic range
VIN =
±250mVPP at 5kHz
88
95
dB
SFDR
Spurious-free dynamic range
VIN =
±250mVPP at 5kHz, TA = −40°C to +85°C
90
dB
Voltage Reference Output(6)
VOUT
Reference voltage output
2.440
2.5
2.560
V
dVOUT/dT
Reference voltage temperature
±30
ppm/
°C
dVOUT/dT
Reference voltage temperature
drift
TA = −40°C to +85°C
±20
ppm/
°C
Output voltage noise
f = 0.1Hz to 10Hz, CL = 10
µF
10
µVrms
Output voltage noise
f =10Hz to 10kHz, CL = 10
µF
12
µVrms
PSRR
Power-supply rejection ratio
60
dB
IOUT
Output current
10
µA
ISC
Short-circuit current
0.5
mA
Turn-on settling time
To 0.1% at CL = 0
100
µs
Voltage Reference Input(6)
VIN
Reference voltage input
0.5
2.5
2.6
V
Reference input resistance
20
k
Reference input capacitance
5
pF
Reference input current
1
µA
Digital Inputs(7)
Logic family
CMOS with Schmitt Trigger
VIH
High-level input voltage
0.7
×BVDD
BVDD+0.3
V
VIL
Low-level input voltage
−0.3
0.3
×BVDD
V
IIN
Input current
VIN = BVDD or GND
±50
nA
CI
Input capacitance
5
pF
Digital Outputs(7)
Logic family
CMOS
VOH
High-level output voltage
BVDD = 4.5V, IOH = −100
µA
4.44
V
VOL
Low-level output voltage
BVDD = 4.5V, IOL = +100
µA
0.5
V
CL
Load capacitance
30
pF
Data format
Bit Stream
(1) All typical values are at T
A = +25
°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for VIN+ = −250mV to +250mV, expressed either as the number of LSBs or as a percent of measured input range (500mV).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, the supported external clock frequency range is 1MHz up to 32MHz.
(6) Available only for QFN package.
(7) Applicable for 5.0V nominal supply: BV
DD = 4.5V to 5.5V.
(8) Applicable for 3.0V nominal supply: BV
DD = 2.7V to 3.6V.
(9) Measured with CLKOUT pin not loaded.


Similar Part No. - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203IPWT BURR-BROWN-ADS1203IPWT Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWT TI1-ADS1203IPWT Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
ADS1203IPWTG4 TI1-ADS1203IPWTG4 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
More results

Similar Description - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203 BURR-BROWN-ADS1203 Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com