Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1203IPWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1203IPWT
Description  Motor control, current measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1203IPWT Datasheet HTML 2Page - Texas Instruments ADS1203IPWT Datasheet HTML 3Page - Texas Instruments ADS1203IPWT Datasheet HTML 4Page - Texas Instruments ADS1203IPWT Datasheet HTML 5Page - Texas Instruments ADS1203IPWT Datasheet HTML 6Page - Texas Instruments ADS1203IPWT Datasheet HTML 7Page - Texas Instruments ADS1203IPWT Datasheet HTML 8Page - Texas Instruments ADS1203IPWT Datasheet HTML 9Page - Texas Instruments ADS1203IPWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
6
PIN ASSIGNMENTS: PW (TSSOP) PACKAGE
PW PACKAGE
TSSOP-8
(TOP VIEW)
1
2
3
4
8
7
6
5
M0
V
IN+
V
IN
M1
V
DD
MCLK
MDAT
GND
ADS1203
Terminal Functions: PW (TSSOP) Package
TERMINAL
NAME
NO.
I/O
DESCRIPTION
M0
1
I
Mode input
VIN+
2
I
Noninverting analog input
VIN
3
I
Inverting analog input
M1
4
I
Mode input
GND
5
Power supply ground
MDAT
6
O
Modulator data output
MCLK
7
I/O
Modulator clock input or output
VDD
8
Power supply: +5V nominal
NOTE: For the TSSOP package, BGND and AGND are internally
connected to the GND pin. Additionally, the AVDD and BVDD
pins are connected to VDD.
PIN ASSIGNMENTS: RGT (QFN) PACKAGE
RGT PACKAGE(1)
QFN-16
(TOP VIEW)
REFIO
V
IN+
V
IN
NC
BV
DD
MCLK
CLKOUT
MDAT
1
2
3
4
12
11
10
9
ADS1203
(1) The thermal pad is internally connected to the substrate. This pad
can be connected to the analog ground or left floating. Keep the
thermal pad separate from the digital ground, if possible.
Terminal Functions: RGT (QFN) Package
TERMINAL
NAME
NO.
I/O
DESCRIPTION
REFIO
1
I/O
Reference voltage input/output
VIN+
2
I
Noninverting analog input
VIN
3
I
Inverting analog input
NC
4, 6, 14, 15
I
Not connected
M1
5
I
Mode input
AGND
7
Analog power-supply ground
BGND
8
Interface power-supply ground
MDAT
9
O
Modulator data output
CLKOUT
10
O
Modulator clock output (Mode 3 only)
MCLK
11
I/O
Modulator clock input or output
BVDD
12
Interface power supply
AVDD
13
Analog power supply
M0
16
Mode input


Similar Part No. - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203IPWT BURR-BROWN-ADS1203IPWT Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWT TI1-ADS1203IPWT Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
ADS1203IPWTG4 TI1-ADS1203IPWTG4 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
More results

Similar Description - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203 BURR-BROWN-ADS1203 Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com