Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1203IPWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1203IPWT
Description  Motor control, current measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWT Datasheet(HTML) 1 Page - Texas Instruments

  ADS1203IPWT Datasheet HTML 1Page - Texas Instruments ADS1203IPWT Datasheet HTML 2Page - Texas Instruments ADS1203IPWT Datasheet HTML 3Page - Texas Instruments ADS1203IPWT Datasheet HTML 4Page - Texas Instruments ADS1203IPWT Datasheet HTML 5Page - Texas Instruments ADS1203IPWT Datasheet HTML 6Page - Texas Instruments ADS1203IPWT Datasheet HTML 7Page - Texas Instruments ADS1203IPWT Datasheet HTML 8Page - Texas Instruments ADS1203IPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
Motor Control, Current Measurement
1Bit, 10MHz, 2ndOrder, DeltaSigma Modulator
ADS1203
ADS
1 2 0
3
A D S
1 2 0
3
FEATURES
D 16-Bit Resolution
D 14-Bit Linearity
D ±250mV Input Range with Single +5V Supply
D 1% Internal Reference Voltage
D 1% Gain Error
D Flexible Serial Interface with Four Different
Modes
D Implemented Twinned Binary Coding as
Split-Phase or Manchester Coding for
One-Line Interfacing
D Operating Temperature Range:
−40
°C to +125°C
APPLICATIONS
D Motor Control
D Current Measurement
D Industrial Process Control
D Instrumentation
D Smart Transmitters
DESCRIPTION
The ADS1203 is a delta-sigma (
∆Σ) modulator with a
95dB dynamic range, operating from a single +5V
supply. The differential inputs are ideal for direct
connection to transducers or low-level signals. With the
appropriate digital filter and modulator rate, the device
can be used to achieve 16-bit analog-to-digital (A/D)
conversion with no missing codes. An effective
resolution of 14 bits or SNR of 85dB (typical) can be
maintained with a digital filter bandwidth of 40kHz at a
modulator rate of 10MHz. The ADS1203 is designed for
use in medium- to high-resolution measurement
applications including current measurements, smart
transmitters, and industrial process control. The
ADS1203 is available in TSSOP-8 and QFN-16 (3x3)
packages.
V
DD (BVDD)
Second−Order
∆Σ Modulator
Interface
Circuit
Buffer
20MHz
RC Oscillator
2.5V
Reference
Voltage
V
DD (AVDD)
GND (AGND)
NOTE: BOLD pins are available only in QFN package.
GND (BGND)
MDAT
MCLK
CLKOUT
V
IN+
V
IN
REFIO
M0
M1
20k
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004−2008, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com


Similar Part No. - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203IPWT BURR-BROWN-ADS1203IPWT Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWT TI1-ADS1203IPWT Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
ADS1203IPWTG4 TI1-ADS1203IPWTG4 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
More results

Similar Description - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203 BURR-BROWN-ADS1203 Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com