Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1203IRGTT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1203IRGTT
Description  Motor control, current measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IRGTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1203IRGTT Datasheet HTML 3Page - Texas Instruments ADS1203IRGTT Datasheet HTML 4Page - Texas Instruments ADS1203IRGTT Datasheet HTML 5Page - Texas Instruments ADS1203IRGTT Datasheet HTML 6Page - Texas Instruments ADS1203IRGTT Datasheet HTML 7Page - Texas Instruments ADS1203IRGTT Datasheet HTML 8Page - Texas Instruments ADS1203IRGTT Datasheet HTML 9Page - Texas Instruments ADS1203IRGTT Datasheet HTML 10Page - Texas Instruments ADS1203IRGTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
MCLK
MDAT
t
C1
t
W1
t
D1
Figure 1. Mode 0 Operation
TIMING CHARACTERISTICS: MODE 0
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V(1) or AVDD = +5V, BVDD = +3V(2) or VDD = +5V(1),
unless otherwise noted.
PARAMETER
MODE
MIN
MAX
UNIT
tC1
Clock period
0
91
111
ns
tW1
Clock high time
0
(tC1/2) − 5
(tC1/2) + 5
ns
tD1
Data delay after falling edge of clock
0
−2
2
ns
(1) Applicable for 5.0V nominal supply: BV
DD (min) = 4.5V and BVDD (max) = 5.5V.
(2) Only for QFN package. Applicable for 3.0V nominal supply: BV
DD (min) = 2.7V and BVDD (max) = 3.6V.
MCLK
MDAT
t
W2
t
C2
t
D2
t
D3
Figure 2. Mode 1 Operation
TIMING CHARACTERISTICS: MODE 1
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V(1) or AVDD = +5V, BVDD = +3V(2) or VDD = +5V(1),
unless otherwise noted.
PARAMETER
MODE
MIN
MAX
UNIT
tC2
Clock period
1
182
222
ns
tW2
Clock high time
1
(tC2/2) − 5
(tC2/2) + 5
ns
tD2
Data delay after rising edge of clock
1
(tW2/2) − 2
(tW2/2) + 2
ns
tD3
Data delay after falling edge of clock
1
(tW2/2) − 2
(tW2/2) + 2
ns
(1) Applicable for 5.0V nominal supply: BV
DD (min) = 4.5V and BVDD (max) = 5.5V.
(2) Only for QFN package. Applicable for 3.0V nominal supply: BV
DD (min) = 2.7V and BVDD (max) = 3.6V.


Similar Part No. - ADS1203IRGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1203IRGTT TI1-ADS1203IRGTT Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
ADS1203IRGTTG4 TI1-ADS1203IRGTTG4 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
More results

Similar Description - ADS1203IRGTT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203 BURR-BROWN-ADS1203 Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com