Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5Z08T1 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ESD5Z08T1
Description  Single Line TVS Diode For ESD Protection Portable Electronics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ESD5Z08T1 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ESD5Z08T1 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ESD5Z08T1 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ESD5Z08T1 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd ESD5Z08T1 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
120 Watts peak pules power( tp=8/20
µs)
Small package for use in portable electronics
Suitable replacement for MLV’S in ESD protection applications
Low clamping voltage and leakage current
Pb free product are available : 99% Sn above can meet RoHS
environment substance directive request
MAXIMUM RATINGSAND ELECTRICALCHATACTERISTICS
Case: SOD-523 plastic
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight: 0.0014 grams
Marking : ESD5Z03T1 : KD
ESD5Z05T1 : KE
ESD5Z08T1 : KR
ESD5Z12T1 : LE
ESD5Z15T1 : LM
ESD5Z24T1 : LZ
ESD5Z36T1: MP
ABSOLUTE MAXIMUM RATING
g
n
i
t
a
R
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ )
s
P
K
P
0
2
1
W
e
g
a
t
l
o
V
D
S
E
V
D
S
E
5
2
V
K
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
T
J
0
5
-
O
0
5
1
o
t
C
O C
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
-
O
0
5
1
o
t
C
O C
O C
ELECTRICAL CHARA CTERISTICS
ESD5Z 03T1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
Ml
a
c
i
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
--
-
3
.
3V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
R
B
A
m
1
=4
-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
3
.
3
=-
-
5
2
1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV
C
I
P
P
A
1
=-
-
7
V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
0-
0
8
1-
F
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
3-
0
0
1-
F
p
ESD5Z03T1-ESD5Z36T1
Single Line TVS Diode For ESD Protection Portable Electronics
Voltage:3~36 Volts
Power:120 Watts
Features
Applications
Dimensions in inches and (millimeters)
SOD523
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - ESD5Z08T1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ESD5Z WEITRON-ESD5Z Datasheet
581Kb / 3P
   Transient Voltag e Suppressors for ESD Protection 200 WATTS 2.5-7.0 VOLTS
logo
Bruckewell Technology L...
ESD5Z BWTECH-ESD5Z Datasheet
456Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SEMTECH ELECTRONICS LTD...
ESD5Z SEMTECH_ELEC-ESD5Z Datasheet
667Kb / 2P
   Transient Voltage Suppressors
logo
Microdiode Electronics ...
ESD5Z CHENDA-ESD5Z Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate ESD Protection Diodes
logo
Weitron Technology
ESD5Z12 WEITRON-ESD5Z12 Datasheet
1Mb / 3P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD5Z08T1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com