Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C75P Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZD27C75P
Description  Voltage Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZD27C75P Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZD27C75P Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZD27C75P Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZD27C75P Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZD27C75P Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Sillicon planar zener diodes.
Low profile surface-mount package.
Zener and surge current specification
Low leakage current
Case: JEDEC SOD-123FL molded plastic
Marking code: see TABLE 1
Weight: 0.006 ounces, 0.02 grams
Mounting position: Any
SYMBOL
UNITS
PPPM
Watts
Ptot
Watts
IR
µ A
VF
Volts
RθJA
K/W
TJ
TSTG
NOTES:(1)TJ=25℃ prior to surge.
Non-repetitive peak pulse power dissipation
with a 10/1000µs waveform (NOTE 1)
SOD-123FL
Thermal resistance junction to ambient
Operating temperature junction range
180
- 55 to +150
Reverse current at stand-off voltage @ V WM
SEE TABLE 1
Power dissipation at TA=25℃ (NOTE 2)
Storage temperature range
- 55 to +150
(2)Mounted on epoxy-glass PCB with 3×3 mm Cu pads(≥40
µm thick)
High temperature soldering guaranteed:
265℃/10 seconds, at terminals
ABSOLUTE MAXIMUM RATINGS AND CHARACTERISTICS
BREAKDOWN VOLTAGE : 7 - 188 VOLTS
PEAK PULSE POWER : 150 WATTS
Excellent stability
Ratings at 25℃ ambient temperature unless otherwise specified
( cathode ) except for bidirectional
Polarity: Color band denotes positive end
(3)Non-repetitive peak reverse current in accordance with "IEC 60-1,Section 8" (10/1000
µs pulse)
0.8
1.2
Maximum instantaneous forward voltage at 0.2A
VALUE
150
Dimensions in millimeters
BZD27C Series
Voltage Regulator Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZD27C75P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C75P VAISH-BZD27C75P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Taiwan Semiconductor Co...
BZD27C75P TSC-BZD27C75P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C75P TSC-BZD27C75P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
Vishay Siliconix
BZD27C75P VISHAY-BZD27C75P Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
logo
Taiwan Semiconductor Co...
BZD27C75P TSC-BZD27C75P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C75P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com