Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEI33 Datasheet(PDF) 11 Page - NEC

Part # FEI33
Description  Ferrite Cores
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEI33 Datasheet(HTML) 11 Page - NEC

Back Button FEI33 Datasheet HTML 7Page - NEC FEI33 Datasheet HTML 8Page - NEC FEI33 Datasheet HTML 9Page - NEC FEI33 Datasheet HTML 10Page - NEC FEI33 Datasheet HTML 11Page - NEC FEI33 Datasheet HTML 12Page - NEC FEI33 Datasheet HTML 13Page - NEC FEI33 Datasheet HTML 14Page - NEC FEI33 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
11
BH1 type Core loss vs. Flux density
BH2 type Core loss vs. Flux density
BH1 type Core loss vs. Frequency
1
10
100
1000
10000
Bm (mT)
f=100kHz
10
1
10
100
1000
10000
100
Frequency (kHz)
1000
Bm=200mT
10
1
10
100
1000
10000
100
Bm (mT)
1000
f=100kHz
25
°C
25
°C
25
°C
25
°C
25
°C
25
°C
100
°C
100
°C
100
°C
100
°C
100
°C
100
°C
60
°C
60
°C
60
°C
10
100
1000
BH2 type Core loss vs. Frequency
10
1
10
100
1000
10000
100
Frequency (kHz)
1000
Bm=200mT
25
°C
25
°C
100
°C
100
°C
60
°C
60
°C
10
1
100
1000
10000
100000
10
1
100
1000
10000
100000
10
100
300
Bm (mT)
B40 type Core loss vs. Flux density f=500kHz
25
°C
25
°C
100
°C
100
°C
60
°C
B40 type Core loss vs. Frequency
100
Frequency (kHz)
1000
Bm=100mT
25
°C
25
°C
60
°C
60
°C
100
°C
100
°C
フェライトコア5版_E 10.1.23 13:24 ページ 11


Similar Description - FEI33

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
PREMO CORPORATION S.L
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
SC-050-X PREMO-SC-050-X Datasheet
166Kb / 2P
   Common mode chokes with Ferrite cores-SMD format
logo
Panasonic Semiconductor
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
PREMO CORPORATION S.L
HC140-02V1 PREMO-HC140-02V1 Datasheet
1Mb / 6P
   Common mode chokes with Nanocrystalline cores & Common mode chokes with Ferrite cores - SMD format
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
   Adoption of High -m and High Bm ferrite cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com