Electronic Components Datasheet Search |
|
LF-215N Datasheet(PDF) 10 Page - NEC |
|
LF-215N Datasheet(HTML) 10 Page - NEC |
10 / 51 page Noise Filters VOL.11 10 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 bLF-202A, LF-202U-1 A 10 D E F G 10 2-3.5ø (Green/Yellow) Label Lead wire UL1015AWG#22 H 8 (Black) (Black) (White) (White) bLF-200 Series IN E Circuit Diagram Shape and Dimensions LF Series Small Current Type [RoHS Compliant] LF-202A 250 2 1500 300 1 1.5 30 –20 to +55 95 LF-202U-1 250 2 1500 300 1 1.5 30 –20 to +55 UL 95 Rated Rated WithstandingInsulation resistance Leakage Voltage Self- Operating Model voltage current voltage 1 min., 500VDC 1 min., currentdrop temperature temperatureCertified Weight AC/DC (V) AC/DC (A) line to groundline to ground 250V/60Hz, 50Hz, rise range standard (g) AC (V) (M ) min. (mA) max. (V) max. (K) max. (˚C) LF Series Small Current Type [RoHS Compliant] LF-202A Normal mode LF-202A Common mode 100 80 60 40 20 0 Frequency (MHz) 0.1 0.5 1.0 5.0 10 20 30 Attenuation (Static Characteristics) bCommon mode bNormal mode P Z 0 Z 0 P: Power divider Z 0 : 50 Z 0 : 50 Z 0 Z 0 Z 0 EMI/EMC filter EMI/EMC filter Measuring Circuit Model A B C D E F G H LF-202A 100 32 17 48 56 64 100 25 LF-202U-1 200 32 17 48 56 64 200 25 [mm] Casing Type Metal box |
Similar Part No. - LF-215N |
|
Similar Description - LF-215N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |