Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEE35W Datasheet(PDF) 8 Page - NEC

Part # FEE35W
Description  Ferrite Cores
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE35W Datasheet(HTML) 8 Page - NEC

Back Button FEE35W Datasheet HTML 4Page - NEC FEE35W Datasheet HTML 5Page - NEC FEE35W Datasheet HTML 6Page - NEC FEE35W Datasheet HTML 7Page - NEC FEE35W Datasheet HTML 8Page - NEC FEE35W Datasheet HTML 9Page - NEC FEE35W Datasheet HTML 10Page - NEC FEE35W Datasheet HTML 11Page - NEC FEE35W Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
8
●Curie temperature Tc (゜
C)
This refers to the ambient temperature at which the magnetic
core shifts from strong magnetism to paramagnetism. In actual
practice, to obtain the Curie temperature, the specimen's initial
magnetic permeability is measured and the relationship of this
to temperature is drawn in a diagram. At the bottom, the exten-
sion of the line linking the 80% of maximum point and the 20%
of maximum point is taken as the Curie temperature.
●Disaccommodation factor DF
This factor applies when the fluctuation of magnetic permeabili-
ty over time seems to be mostly linear with the time logarithm.
It is expressed by the following formula.
D
F =
.
(t
2 > t1)
Here
μ
1
: following complete demagnetization, the magnetic
permeability after the passage of t1 seconds.
μ
2
: following complete demagnetization, the magnetic
permeability after the passage of t2 seconds.
●Induction factor AL
As shown in the following formula, this refers to self-inductance
that occurs per unit winding in a coil of constant shape and
dimensions wound around the magnetic core.
AL =
Here
L: Self-inductance (H) in the coil when there is a mag-
netic core
N: Number of all the coil's windings
●Resistance
ρ (Ω・m)
This refers to the electrical resistance per unit cross-section
area and unit length.
●Density d (kg/m2)
This is calculated as follows from the magnetic core volume and
weight.
d =
(kg/m3)
Here W: magnetic core weight (kg)
V : magnetic core volume (m3)
For the most part the preceding definitions are based on JIS
C2560 "Ferrite Magnetic Core Regulations."
W
V
L
N2
1
μ
1
2
μ
1
---
μ
2
log
10
t2
t1
maximum value
for
80% of the maximum
value for
20% of the maximum value
for
Curie temperature
(Tc)
Temp [
°C]
i
μ
i
μ
i
μ
フェライトコア5版_E 10.1.23 13:24 ページ 8


Similar Part No. - FEE35W

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FEE16BT THINKISEMI-FEE16BT Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FEE16DT THINKISEMI-FEE16DT Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FEE16FT THINKISEMI-FEE16FT Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FEE16GT THINKISEMI-FEE16GT Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FEE16HT THINKISEMI-FEE16HT Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
More results

Similar Description - FEE35W

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
PREMO CORPORATION S.L
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
SC-050-X PREMO-SC-050-X Datasheet
166Kb / 2P
   Common mode chokes with Ferrite cores-SMD format
logo
Panasonic Semiconductor
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
PREMO CORPORATION S.L
HC140-02V1 PREMO-HC140-02V1 Datasheet
1Mb / 6P
   Common mode chokes with Nanocrystalline cores & Common mode chokes with Ferrite cores - SMD format
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
   Adoption of High -m and High Bm ferrite cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com