Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF-240P Datasheet(PDF) 5 Page - NEC

Part # LF-240P
Description  Noise Filters
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LF-240P Datasheet(HTML) 5 Page - NEC

  LF-240P Datasheet HTML 1Page - NEC LF-240P Datasheet HTML 2Page - NEC LF-240P Datasheet HTML 3Page - NEC LF-240P Datasheet HTML 4Page - NEC LF-240P Datasheet HTML 5Page - NEC LF-240P Datasheet HTML 6Page - NEC LF-240P Datasheet HTML 7Page - NEC LF-240P Datasheet HTML 8Page - NEC LF-240P Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Noise Filters VOL.11
5
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Common Mode
Signal Line
Common Mode
Power Line
SMD Type
DFD Series
P35
SBS9080 Series
P37
SBP Series
P38
DCM Series
P39
EMC Chip Filters
M-500CT/M-600T Series
P41
EMC Filter
AC Line Filters
Earth inductors
Common Mode
SNG series
P6
SC Coils — Standard Type
P8
SC Coils — Case Type
SC-E, F, V Type
P10
SC Coils — Case Type
SC-A Type
P12
SC Coils — Terminal Base Type
SC-J Type
P13
SC Coils — Terminal Base Type
SC-GJ Type
P15
SC Coils — Terminal Base Type
SC-JV Type
P16
SC Coils — Terminal Base Type
SC-JS Type
P17
SC Coils — Terminal Base Type
SC-JH Type
P18
SC Coils — Small Type
SC-G/GS Type
P19
SC Coils — Compact, High-Inductance
Type, SCF Type
P21
SC Coils — High Frequency Type
SC-D Type
P22
SU Coils
SU 7VC Type
P23
SU Coils
SU 9V/9H Type
P24
SCR Coils
High Impedance Type
P4
SCR Coils
Low Height Type
P5
SU Coils
SU 9VF/9HF Type
P26
SU Coils
SU 10VFC-R Type
P27
SU Coils — High Frequency Type
SU 9VD Type
P28
SU Coils — High Frequency Type
SU 10VD Type
P29
SU Coils — High Frequency Type
SU 16VD Type
P30
SS Coils
SS17 HB Type
P36
SS Coils
SS11VL Type
P31
SS Coils
SS11V/H-CH Type
P33
SS Coils
SSB11V-R/11H-R Type
P35
New Products
(Continued)


Similar Part No. - LF-240P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LF-240P KEMET-LF-240P Datasheet
82Kb / 1P
   KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 40 A
More results

Similar Description - LF-240P

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com