Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7870 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7870
Description  12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7870 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7870 Datasheet HTML 1Page - Texas Instruments ADS7870 Datasheet HTML 2Page - Texas Instruments ADS7870 Datasheet HTML 3Page - Texas Instruments ADS7870 Datasheet HTML 4Page - Texas Instruments ADS7870 Datasheet HTML 5Page - Texas Instruments ADS7870 Datasheet HTML 6Page - Texas Instruments ADS7870 Datasheet HTML 7Page - Texas Instruments ADS7870 Datasheet HTML 8Page - Texas Instruments ADS7870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
ADS7870
SBAS124C − DECEMBER 1999 − REVISED DECEMBER 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS
For Internal Functions (1), −40
°C ≤ TA ≤ 85°C, VDD = 5 V, BUFIN = 2.5 V (using external reference), 2.5-MHz CCLK and 2.5-MHz SCLK (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Multiplexer
On resistance
100
Off resistance
1
G
Off channel leakage
On channel = 5.2 V,
Off channel = 0 V
VLNx = 5.2 V
100
pA
Off channel leakage
current
On channel = 0 V,
Off channel = 5.2 V
100
pA
On channel leakage
On channel = 5.2 V,
Off channel = 0 V
100
pA
On channel leakage
current
On channel = 0 V,
Off channel = 5.2 V
100
pA
PGA Amplifier
Input capacitance (2)
4 to 9.7
pF
Input impedance (2)
Common mode
6
M
Input impedance (2)
Differential
7
M
Offset voltage
100
µV
Small signal bandwidth
5/Gain
MHz
Settling time
G = 1
0.3
µs
Settling time
G = 20
6.4
µs
Analog-To-Digital Converter DC Characteristics
Resolution
12
Bits
Integral linearity error
±0.5
LSB
Differential linearity error
±0.5
LSB
No missing codes
12
Bits
Offset error
REFIN = 2.5 V
±0.5
LSB
Full-scale (gain) error
±0.02
%
Common mode rejection, RTI of A/D
80
dB
Power supply rejection, RTI of ADS7870
External reference, VDD = 5 V ±10%
60
dB
PGA Plus A/D Converter Sampling Dynamics
fCCLK = 2.5 MHz, DF = 1
Throughput rate
48 CCLK cycles
52
kHz
Conversion time
12 CCLK cycles
4.8
µs
Acquisition time
28 CCLK cycles
9.6
µs
Auto zero time
8 CCLK cycles
3.2
µs
Aperture delay
36 CCLK cycles
12.8
µs
Small signal bandwidth
5
MHz
Step response
1 Complete Conversion Cycle
(1) The specifications for the total system are overall analog input to digital output specifications. The specifications for internal functions indicate
the performance of the individual functions in the ADS7870.
(2) The ADS7870 uses switched capacitor techniques for the programmable gain amplifier and A/D converter. A characteristic of such circuits is that
the input capacitance at any selected LNx pin changes during the conversion cycle.


Similar Part No. - ADS7870

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
ADS7870EA BURR-BROWN-ADS7870EA Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Texas Instruments
ADS7870EA TI1-ADS7870EA Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870EA1K TI1-ADS7870EA1K Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Similar Description - ADS7870

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com