Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC712 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC712
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712 Datasheet(HTML) 5 Page - Texas Instruments

  DAC712 Datasheet HTML 1Page - Texas Instruments DAC712 Datasheet HTML 2Page - Texas Instruments DAC712 Datasheet HTML 3Page - Texas Instruments DAC712 Datasheet HTML 4Page - Texas Instruments DAC712 Datasheet HTML 5Page - Texas Instruments DAC712 Datasheet HTML 6Page - Texas Instruments DAC712 Datasheet HTML 7Page - Texas Instruments DAC712 Datasheet HTML 8Page - Texas Instruments DAC712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ELECTRICAL CHARACTERISTICS: DAC712PK, UK, PL, UL
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
At TA = +25°C, +VCC = +12V and +15V, and –VCC = –12V and –15V, unless otherwise noted.
DAC712PK, UK
DAC712PL, UL(1)
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
INPUT
RESOLUTION
Resolution
16
Bits
DIGITAL INPUTS
Input Code
Binary Twos Complement
Logic Levels(2)
VIH
+2.0
+VCC – 1.4
V
VIL
0
+0.8
V
IIH (VI = +2.7V)
±10
µA
IIL (VI = +0.4V)
±10
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±2
LSB
TMIN to TMAX
±2
LSB
Differential Linearity Error
±2
±1
LSB
TMIN to TMAX
±2
±1
LSB
Monotonicity Over Temperature
15
16
Bits
Gain Error(3)
±0.1
%
TMIN to TMAX
±0.15
±0.2
%
Bipolar Zero Error(3)
±0.1
% FSR(4)
±20
mV
TMIN to TMAX
±0.15
% FSR
±30
mV
±0.003
% FSR/% VCC
Power-Supply Sensitivity of Full-Scale
±30
ppm FSR/% VCC
DYNAMIC PERFORMANCE
Settling Time (to ±0.003%FSR, 5k
Ω || 500pF Load)(5)
20V Output Step
6
10
µs
1LSB Output Step(6)
4
µs
Output Slew Rate
10
V/
µs
Total Harmonic Distortion + Noise
0dB, 1001Hz, fS = 100kHz
0.005
%
–20dB, 1001Hz, fS = 100kHz
0.03
%
–60dB, 1001Hz, fS = 100kHz
3.0
%
SINAD
1001Hz, fS = 100kHz
87
dB
Digital Feedthrough(6)
2
nV-s
Digital-to-Analog Glitch Impulse(6)
15
nV-s
Output Noise Voltage (Includes Reference)
120
nV/
√Hz
(1)
Shaded cells indicate same specification as the DAC712PK, UK grade.
(2)
Digital inputs are TTL- and +5V CMOS-compatible over the specified temperature range.
(3)
Errors externally adjustable to zero.
(4)
FSR means Full-Scale Range. For example, for a ±10V output, FSR = 20V.
(5)
Maximum represents the 3
σ limit. Not 100% tested for this parameter.
(6)
For the worst-case code changes: FFFFh to 0000h and 0000h to FFFFh. These are binary twos complement (BTC) codes.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC712


Similar Part No. - DAC712

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC712P BURR-BROWN-DAC712P Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC712PB BURR-BROWN-DAC712PB Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC712U BURR-BROWN-DAC712U Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC712UB BURR-BROWN-DAC712UB Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results

Similar Description - DAC712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com