Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1221EG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC1221EG4
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1221EG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC1221EG4 Datasheet HTML 1Page - Texas Instruments DAC1221EG4 Datasheet HTML 2Page - Texas Instruments DAC1221EG4 Datasheet HTML 3Page - Texas Instruments DAC1221EG4 Datasheet HTML 4Page - Texas Instruments DAC1221EG4 Datasheet HTML 5Page - Texas Instruments DAC1221EG4 Datasheet HTML 6Page - Texas Instruments DAC1221EG4 Datasheet HTML 7Page - Texas Instruments DAC1221EG4 Datasheet HTML 8Page - Texas Instruments DAC1221EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
DAC1221
LINEARITY ERROR vs CODE
16-Bit Input Code Normalized
0
0.2
0.4
0.6
0.8
1
25
20
15
10
5
0
–5
GAIN ERROR vs TEMPERATURE
Temperature (
°C)
–50
–25
050
75
25
100
0.020
0.015
0.010
0.005
0.000
–0.005
–0.010
–0.015
(can be corrected with calibration)
TYPICAL PERFORMANCE CURVES
At TA = +25°C, AVDD = DVDD = +3.0V, fXIN = 2.5MHz, VREF = 1.25V, C1 = 2.2nF, C2 = 150pF and C3 = 6.8nF.


Similar Part No. - DAC1221EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1221E BURR-BROWN-DAC1221E Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC1221EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com