Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69P737TQ3.8R Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM69P737TQ3.8R
Description  128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P737TQ3.8R Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM69P737TQ3.8R Datasheet HTML 4Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 5Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 6Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 7Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 8Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 9Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 10Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 11Page - Motorola, Inc MCM69P737TQ3.8R Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCM69P737
8
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS: 2.5 V I/O Supply (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.135
3.3
3.6
V
I/O Supply Voltage
VDDQ
2.375
2.5
2.9
V
Input Low Voltage
VIL
– 0.3
0.7
V
Input High Voltage
VIH
1.7
VDD + 0.3
V
Input High Voltage (I/O Pins)
VIH2
1.7
VDDQ + 0.3
V
RECOMMENDED OPERATING CONDITIONS: 3.3 V I/O Supply (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.135
3.3
3.6
V
I/O Supply Voltage
VDDQ
3.135
3.3
VDD
V
Input Low Voltage
VIL
– 0.5
0.8
V
Input High Voltage
VIH
2
VDD + 0.5
V
Input High Voltage (I/O Pins)
VIH2
2
VDDQ + 0.5
V
VIH
20% tKHKH (MIN)
VSS
VSS – 1.0 V
Figure 1. Undershoot Voltage


Similar Part No. - MCM69P737TQ3.8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP2.5 MOTOROLA-MCM69P735ZP2.5 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP2.5R MOTOROLA-MCM69P735ZP2.5R Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP3 MOTOROLA-MCM69P735ZP3 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP3.5 MOTOROLA-MCM69P735ZP3.5 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P737TQ3.8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com