Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR0H105ZF Datasheet(PDF) 11 Page - NEC

Part # FR0H105ZF
Description  Super Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FR0H105ZF Datasheet(HTML) 11 Page - NEC

Back Button FR0H105ZF Datasheet HTML 7Page - NEC FR0H105ZF Datasheet HTML 8Page - NEC FR0H105ZF Datasheet HTML 9Page - NEC FR0H105ZF Datasheet HTML 10Page - NEC FR0H105ZF Datasheet HTML 11Page - NEC FR0H105ZF Datasheet HTML 12Page - NEC FR0H105ZF Datasheet HTML 13Page - NEC FR0H105ZF Datasheet HTML 14Page - NEC FR0H105ZF Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 11
Tape and Reel Dimensions
[Reel Dimensions]
Dimensions of indented [square-hole plastic tape]
TBR16/24
t1
t2
Super capacitors fitting
on square-hole
Super capacitors fitting
on square-hole
t1
t2
A
P1
P2
P0
Forward direction
Sprocket hole
Indented square-hole
for fitting super capacitors
A
P1
R0.75
0.2
P2
P0
D0
D0
W
A
C
E
D
R:10
t
TBR32/44
BA
B
Logo
Recommended land pattern
Land pattern
Lead terminal
(mm)
Part Number
A
B
C
FC0H473ZFTBR24
5.0
4.6
2.5
FC0H104ZFTBR24
5.0
4.6
2.5
FC0H224ZFTBR24
5.0
4.6
2.5
FC0H474ZFTBR32-SS
5.0
10.0
2.5
FC0H105ZFTBR44-SS
10.0
10.5
3.5
FC0V104ZFTBR24
5.0
4.6
2.5
FC0V224ZFTBR24
5.0
4.6
2.5
FC0V474ZFTBR24
5.0
4.6
2.5
FCH0V683ZFTBR16
2.5
4.0
1.4
FCH0H433ZFTBR16
2.5
4.0
1.4
FCS0H473ZFTBR24
5.0
4.9
2.5
FCS0H104ZFTBR24
5.0
4.9
2.5
FCS0H224ZFTBR24
5.0
4.9
2.5
FCS0V104ZFTBR24
5.0
4.9
2.5
FCS0V224ZFTBR24
5.0
4.9
2.5
FCS0V474ZFTBR24
5.0
4.9
2.5
(mm)
Part Number
A
B
C
FC0H473ZFTBR24
5.0
3.6
1.2
FC0H104ZFTBR24
5.0
3.6
1.2
FC0H224ZFTBR24
5.0
3.6
1.2
FC0H474ZFTBR32-SS
5.0
6.8
1.2
FC0H105ZFTBR44-SS
10.0
7.0
1.4
FC0V104ZFTBR24
5.0
3.6
1.2
FC0V224ZFTBR24
5.0
3.6
1.2
FC0V474ZFTBR24
5.0
3.6
1.2
FCH0V683ZFTBR16
2.5
2.9
0.7
FCH0H433ZFTBR16
2.5
2.9
0.7
FCS0H473ZFTBR24
5.0
3.9
1.2
FCS0H104ZFTBR24
5.0
3.9
1.2
FCS0H224ZFTBR24
5.0
3.9
1.2
FCS0V104ZFTBR24
5.0
3.9
1.2
FCS0V224ZFTBR24
5.0
3.9
1.2
FCS0V474ZFTBR24
5.0
3.9
1.2
(mm)
Mark
TBR16
TBR24
TBR32
TBR44
A
380±2
380±2
330±2
380±2
B80±1
Product height 5.5mm
80±1
100±1
100±1
Product height 8.5mm
100±1
C13±0.5
13±0.5
13±0.5
13±0.5
D21±0.8
21±0.8
21±0.8
21±0.8
E2±0.5
2±0.5
2±0.5
2±0.5
W
17.5±1.0
Product height 5.5mm 25.5±0.5
33.5±1.0 45.5±1.0
Product height 8.5mm 25.5±1.0
t
2.0
2.0
2.0
2.0
(mm)
Mark
TBR16
TBR24
TBR32
TBR44
W
16.0
24.0
32.0
44.0
A
7.2
11.4
18.0
23.0
B
9.0
13.0
20.0
25.0
P0
4.0
4.0
4.0
4.0
P1
12.0
16.0
24.0
32.0
P2
2.0
2.0
2.0
2.0
F
7.5
11.5
14.2
20.2
φ
D0
1.55
1.55
1.55
1.55
t1
0.4
0.4
0.5
0.5
E
1.75
1.75
1.75
1.75
t2
5.0
Product height 5.5mm
6.0
10.0
12.0
Product height 8.5mm
8.4
G
28.4
40.4


Similar Part No. - FR0H105ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FR0H105ZF KEMET-FR0H105ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FR, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 7.62mm
More results

Similar Description - FR0H105ZF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305DCN2R7Q ILLINOISCAPACITOR-305DCN2R7Q Datasheet
404Kb / 2P
   Super Capacitors
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
Taiyo Yuden (U.S.A.), I...
EMK105SD152KV-F TAIYO-YUDEN-EMK105SD152KV-F Datasheet
311Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Taiyo Yuden (U.S.A.), I...
UMK107SD272KA-T TAIYO-YUDEN-UMK107SD272KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD104KL-T TAIYO-YUDEN-TMK316SD104KL-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD563KF-T TAIYO-YUDEN-TMK316SD563KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD102KA-T TAIYO-YUDEN-UMK107SD102KA-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD472KD-T TAIYO-YUDEN-UMK212SD472KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com